Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500SEBFMACHR Datasheet(PDF) 2 Page - Silicon Laboratories

Part # 500SEBFMACHR
Description  Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

500SEBFMACHR Datasheet(HTML) 2 Page - Silicon Laboratories

  500SEBFMACHR Datasheet HTML 1Page - Silicon Laboratories 500SEBFMACHR Datasheet HTML 2Page - Silicon Laboratories 500SEBFMACHR Datasheet HTML 3Page - Silicon Laboratories 500SEBFMACHR Datasheet HTML 4Page - Silicon Laboratories 500SEBFMACHR Datasheet HTML 5Page - Silicon Laboratories 500SEBFMACHR Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si500S
2
Rev. 1.1
Supply Current
1.8 V option, 40 pF, 40 MHz, CMOS
13.9
16
mA
1.8 V option, 10 pF, 200 MHz, CMOS
16.7
19
mA
2.5 V option, 40 pF, 40 MHz, CMOS
15.8
18
mA
2.5 V option, 10 pF, 200 MHz, CMOS
19.3
22
mA
3.3 V option, 40 pF, 40 MHz, CMOS
17.7
20
mA
3.3 V option, 10 pF, 200 MHz, CMOS
21.5
24
mA
SSTL-3.3, 200 MHz
18.1
20.2
mA
SSTL-2.5, 200 MHz
18.0
19.7
mA
SSTL-1.8, 200 MHz
16.8
18.7
mA
Output Stopped, CMOS
11.8
13.1
mA
Tri-State
9.7
10.7
mA
Powerdown
1.0
1.9
mA
Output Symmetry
0.5 x VDD
46 – 13 ns/TCLK
54 +
13 ns/TCLK
%
Rise and Fall Times3
CMOS, CL = 15 pF measured from
20 to 80% of VDD
—1.4
2.0
ns
SSTL
0.6
ns
CMOS Output Voltage
VOH, sourcing 9 mA
VDD –0.5
V
VOL, sinking 9 mA
0.5
V
SSTL-1.8 Output Voltage4
VOH
VTT + 0.375
V
VOL
——
VTT – 0.375
SSTL-2.5 Output Voltage4
VOH
VTT + 0.48
V
VOL
——
VTT – 0.48
SSTL-3.3 Output Voltage5
VOH
VTT + 0.48
V
VOL
——
VTT – 0.48
Powerup Time
From time VDD crosses min spec
supply
——
2
ms
OE Deassertion to Clk Stop
250 +
3xTCLK
ns
Return from Output Driver
Stopped Mode
——
250 +
3xTCLK
ns
Return from Tri-State Time
12 + 3 x TCLK
µs
Return from Powerdown Time
2
ms
Period Jitter (1-sigma)
SSTL3
—1
2
ps
RMS
Integrated Phase Jitter
1MHz –0.4 xFOUT, SSTL or CMOS
and CL < 7pF,
FOUT > 2.5 MHz
—0.7
1.5
ps
RMS
Parameters
Condition
Min
Typ
Max
Units
Notes:
1. Inclusive of 25 °C initial frequency accuracy, operating temperature range, supply voltage change, output load change,
first-year aging at 25 °C, shock, vibration, and one solder reflow.
2. Inclusive of 25 °C initial frequency accuracy, operating temperature range, supply voltage change, output load change,
ten-year aging at 85 °C, shock, vibration, and one solder reflow.
3. See “AN409: Output Termination Options for the Si500S and Si500D Silicon Oscillators” for further details regarding
output clock termination recommendations.
4. VTT = .5 x VDD.
5. VTT = .45 x VDD.


Similar Part No. - 500SEBFMACHR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
More results

Similar Description - 500SEBFMACHR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ7050B-6.000 FOX-FQ7050B-6.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-8.000 FOX-FQ7050B-8.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-10.000 FOX-FQ7050B-10.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-11.0592 FOX-FQ7050B-11.0592 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com