Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP50A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSP50A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP50A Datasheet(HTML) 1 Page - Vishay Siliconix

  MSP50A Datasheet HTML 1Page - Vishay Siliconix MSP50A Datasheet HTML 2Page - Vishay Siliconix MSP50A Datasheet HTML 3Page - Vishay Siliconix MSP50A Datasheet HTML 4Page - Vishay Siliconix MSP50A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSP5.0A
Vishay General Semiconductor
Document Number: 88487
Revision: 16-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
New Product
Surface Mount TRANSZORB® Transient Voltage Suppressors
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
specifically for protecting 5.0 V supplied sensitive
equipment against transient overvoltages.
FEATURES
• Very low profile - typical height of 0.65 mm
• Ideal for automated placement
• Oxide planar chip junction
• Uni-directional polarity only
• Peak pulse power: 100 W (10/1000 µs)
• ESD capability: 15 kV (air), 8 kV (contact)
• Meets MSL level 1, per J-STD-020C, LF maximum
peak of 260 °C
• Solder dip 265 °C max. 10 s, per JESD 22-A111
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
• Find out more about Vishay’s Automotive Grade
Product requirements at:
www.vishay.com/applications
MECHANICAL DATA
Case: MicroSMP
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-M3 - halogen-free and RoHS compliant,
commercial grade
Base P/NHM3 - halogen-free and RoHS compliant,
automotive grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3
suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Notes
(1) Non-repetitive current pulse, per fig. 1
(2) Mounted on 6.0 mm x 6.0 mm copper pads to each terminal
PRIMARY CHARACTERISTICS
VWM
5.0 V
PPPM
100 W
IFSM
25 A
TJ max.
150 °C
Top View
Bottom View
MicroSMP
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation (1)(2)
PPPM
100
W
Peak pulse current with a 10/1000 µs waveform (fig. 1)
IPPM
10.9
A
Non repetitive peak forward surge current 10 ms single half sine-wave (2)
IFSM
25
A
Power dissipation TL = 120 °C
(2)
PD
1.0
W
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - MSP50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP50A VISHAY-MSP50A Datasheet
788Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - MSP50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com