Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40CF1020C6N Datasheet(PDF) 8 Page - Altera Corporation

Part # EP1SGX40CF1020C6N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40CF1020C6N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP1SGX40CF1020C6N Datasheet HTML 4Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 5Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 6Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 7Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 8Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 9Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 10Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 11Page - Altera Corporation EP1SGX40CF1020C6N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 272 page
background image
1–6
Altera Corporation
Stratix GX Device Handbook, Volume 1
February 2005
FPGA Functional Description
The logic array consists of LABs, with 10 logic elements (LEs) in each
LAB. An LE is a small unit of logic providing efficient implementation of
user logic functions. LABs are grouped into rows and columns across the
device.
M512 RAM blocks are simple dual-port memory blocks with 512 bits plus
parity (576 bits). These blocks provide dedicated simple dual-port or
single-port memory up to 18-bits wide at up to 318 MHz. M512 blocks are
grouped into columns across the device in between certain LABs.
M4K RAM blocks are true dual-port memory blocks with 4K bits plus
parity (4,608 bits). These blocks provide dedicated true dual-port, simple
dual-port, or single-port memory up to 36-bits wide at up to 291 MHz.
These blocks are grouped into columns across the device in between
certain LABs.
M-RAM blocks are true dual-port memory blocks with 512K bits plus
parity (589,824 bits). These blocks provide dedicated true dual-port,
simple dual-port, or single-port memory up to 144-bits wide at up to
269 MHz. Several M-RAM blocks are located individually or in pairs
within the device’s logic array.
Digital signal processing (DSP) blocks can implement up to either eight
full-precision 9 × 9-bit multipliers, four full-precision 18 × 18-bit
multipliers, or one full-precision 36 × 36-bit multiplier with add or
subtract features. These blocks also contain 18-bit input shift registers for
digital signal processing applications, including FIR and infinite impulse
response (IIR) filters. DSP blocks are grouped into two columns in each
device.
Each Stratix GX device I/O pin is fed by an I/O element (IOE) located at
the end of LAB rows and columns around the periphery of the device.
I/O pins support numerous single-ended and differential I/O standards.
Each IOE contains a bidirectional I/O buffer and six registers for
registering input, output, and output-enable signals. When used with
dedicated clocks, these registers provide exceptional performance and
interface support with external memory devices such as DDR SDRAM,
FCRAM, ZBT, and QDR SRAM devices.
High-speed serial interface channels support transfers at up to 840 Mbps
using LVDS, LVPECL, 3.3-V PCML, or HyperTransport technology I/O
standards.
Figure 1–2 shows an overview of the Stratix GX device.


Similar Part No. - EP1SGX40CF1020C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40CF1020C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com