Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT374WM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74HCT374WM
Description  3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT374WM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MM74HCT374WM Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT374WM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
MM74HCT374: VCC = 5.0V, tr = tf = 6 ns TA = 25°C (unless otherwise specified)
AC Electrical Characteristics
MM74HCT374: VCC = 5.0V ± 10%, tr = tf = 6 ns (unless otherwise specified)
Note 6: CPD determines the no load power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Clock Frequency
50
30
MHz
tPHL, tPLH
Maximum Propagation Delay
CL = 45 pF
20
32
ns
to Output
tPZH, tPZL
Maximum Enable Propagation Delay
CL = 45 pF
19
28
ns
Control to Output
RL = 1 kΩ
tPHZ, tPLZ
Maximum Disable Propagation Delay
CL = 5 pF
17
25
ns
Control to Output
RL = 1 kΩ
tW
Minimum Clock Pulse Width
20
ns
tS
Minimum Setup Time Data to Clock
5
ns
tH
Minimum Hold Time Clock to Data
16
ns
Symbol
Parameter
Conditions
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Clock Frequency
30
24
20
MHz
tPHL, tPLH Maximum Propagation Delay
CL = 50 pF
22
36
45
48
ns
to Output
CL = 150 pF
30
46
57
69
ns
tPZH, tPZL Maximum Enable Propagation
CL = 50 pF
21
30
37
45
ns
Delay Control to Output
CL = 150 pF
30
40
50
60
ns
RL = 1 kΩ
tPHZ, tPLZ Maximum Disable Propagation
CL = 50 pF
21
30
37
45
ns
Delay Control to Output
RL = 1 kΩ
tTHL, tTLH Maximum Output Rise
CL = 50 pF
8
12
15
18
ns
and Fall Time
tW
Minimum Clock Pulse Width
16
20
24
ns
tS
Minimum Setup Time Data to Clock
20
25
30
ns
tH
Minimum Hold Time Clock to Data
5
5
5
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Output Capacitance
20
20
20
pF
CPD
Power Dissipation Capacitance
OC
= V
CC
5pF
(Note 6)
OC
= GND
58
pF


Similar Part No. - MM74HCT374WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT374WM FAIRCHILD-MM74HCT374WM Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT374WM ONSEMI-MM74HCT374WM Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
More results

Similar Description - MM74HCT374WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com