Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1S80F1508I5ES Datasheet(PDF) 11 Page - Altera Corporation

Part # EP1S80F1508I5ES
Description  Stratix Device Handbook, Volume 1
Download  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1S80F1508I5ES Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP1S80F1508I5ES Datasheet HTML 7Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 8Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 9Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 10Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 11Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 12Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 13Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 14Page - Altera Corporation EP1S80F1508I5ES Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 292 page
background image
Altera Corporation
Section I–1
Section I. Stratix Device
Family Data Sheet
This section provides the data sheet specifications for Stratix® devices.
They contain feature definitions of the internal architecture,
configuration and JTAG boundary-scan testing information, DC
operating conditions, AC timing parameters, a reference to power
consumption, and ordering information for Stratix devices.
This section contains the following chapters:
Chapter 1, Introduction
Chapter 2, Stratix Architecture
Chapter 3, Configuration & Testing
Chapter 4, DC & Switching Characteristics
Chapter 5, Reference & Ordering Information
Revision History
The table below shows the revision history for Chapters 1 through 5.
Chapter
Date/Version
Changes Made
1
July 2005, v3.2
Minor content changes.
September 2004, v3.1
Updated Table 1–6 on page 1–5.
April 2004, v3.0
Main section page numbers changed on first page.
Changed PCI-X to PCI-X 1.0 in “Features” on page 1–2.
Global change from SignalTap to SignalTap II.
The DSP blocks in “Features” on page 1–2 provide dedicated
implementation of multipliers that are now “faster than 300 MHz.”
January 2004, v2.2
Updated -5 speed grade device information in Table 1-6.
October 2003, v2.1
Add -8 speed grade device information.
July 2003, v2.0
Format changes throughout chapter.


Similar Part No. - EP1S80F1508I5ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S80F1508I5ES ALTERA-EP1S80F1508I5ES Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
More results

Similar Description - EP1S80F1508I5ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10F672C7N ALTERA-EP1S10F672C7N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1S20F672C7N ETC2-EP1S20F672C7N Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
logo
Altera Corporation
EP1S60F1020C6N ALTERA-EP1S60F1020C6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S40F780C7 ALTERA-EP1S40F780C7 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S80F1020C6 ALTERA-EP1S80F1020C6 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S30F780C7 ALTERA-EP1S30F780C7 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S30F780I6N ALTERA-EP1S30F780I6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S30F780C6 ALTERA-EP1S30F780C6 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP2S130F1020I4 ETC2-EP2S130F1020I4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com