Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS0102-Q100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NTS0102-Q100
Description  Dual supply translating transceiver; open drain; auto direction sensing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102-Q100 Datasheet(HTML) 3 Page - NXP Semiconductors

  NTS0102-Q100 Datasheet HTML 1Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 2Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 3Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 4Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 5Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 6Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 7Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 8Page - NXP Semiconductors NTS0102-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NTS0102-Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 27 February 2013
3 of 21
NXP Semiconductors
NTS0102-Q100
Dual supply translating transceiver; open drain; auto direction sensing
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
When either VCC(A) or VCC(B) is at GND level, the device goes into power-down mode.
Fig 2.
Pin configuration SOT505-2 (TSSOP8)
Fig 3.
Pin configuration SOT996-2 (XSON8)
1764
%
%
*1'
9&& %
9&& $
2(
$
$
DDD








DDD
1764
7UDQVSDUHQW WRS YLHZ








%
*1'
9&& $
$
%
9&& %
2(
$
Table 3.
Pin description
Symbol
Pin
Description
B2, B1
1, 8
data input or output (referenced to VCC(B))
GND
2
ground (0 V)
VCC(A)
3
supply voltage A
A2, A1
4, 5
data input or output (referenced to VCC(A))
OE
6
output enable input (active HIGH; referenced to VCC(A))
VCC(B)
7
supply voltage B
n.c.
-
not connected
Table 4.
Function table[1]
Supply voltage
Input
Input/output
VCC(A)
VCC(B)
OE
An
Bn
1.65 V to VCC(B)
2.3 V to 5.5 V
L
Z
Z
1.65 V to VCC(B)
2.3 V to 5.5 V
H
input or output
output or input
GND[2]
GND[2]
XZ
Z


Similar Part No. - NTS0102-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102-Q100 NXP-NTS0102-Q100 Datasheet
542Kb / 34P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 1.3-20 April 2022
NTS0102-Q100 NXP-NTS0102-Q100_V01 Datasheet
542Kb / 34P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 1.3-20 April 2022
More results

Similar Description - NTS0102-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
logo
NXP Semiconductors
NTS0102 NXP-NTS0102_V02 Datasheet
753Kb / 43P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 - 6 July 2023
logo
Nexperia B.V. All right...
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com