Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS0102DP-Q100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NTS0102DP-Q100
Description  Dual supply translating transceiver; open drain; auto direction sensing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102DP-Q100 Datasheet(HTML) 5 Page - NXP Semiconductors

  NTS0102DP-Q100 Datasheet HTML 1Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 2Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 3Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 4Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 5Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 6Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 7Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 8Page - NXP Semiconductors NTS0102DP-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NTS0102-Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 27 February 2013
5 of 21
NXP Semiconductors
NTS0102-Q100
Dual supply translating transceiver; open drain; auto direction sensing
11. Static characteristics
[1]
VCCO is the supply voltage associated with the output.
Table 7.
Typical static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
II
input leakage
current
OE input; VI = 0 V to 3.6 V; VCC(A) = 1.65Vto 3.6V;
VCC(B) = 2.3 V to 5.5 V
--
1
A
IOZ
OFF-state output
current
A or B port; VO =0 V orVCCO; VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[1] --
1
A
IOFF
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) =0Vto5.5 V
--
1
A
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) =0Vto3.6 V
--
1
A
CI
input
capacitance
OE input; VCC(A) = 3.3 V; VCC(B) =3.3 V
-
1
-
pF
CI/O
input/output
capacitance
A port
-
5
-
pF
B port
-
8.5
-
pF
A or B port; VCC(A) = 3.3 V; VCC(B) =3.3 V
-
11
-
pF
Table 8.
Typical supply current
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 C.
VCC(A)
VCC(B)
Unit
2.5 V
3.3 V
5.0 V
ICC(A)
ICC(B)
ICC(A)
ICC(B)
ICC(A)
ICC(B)
1.8 V
0.1
0.5
0.1
1.5
0.1
4.6
A
2.5 V
0.1
0.1
0.1
0.8
0.1
3.8
A
3.3 V
-
-
0.1
0.1
0.1
2.8
A
Table 9.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
A port
VCC(A) = 1.65 V to 1.95 V;
VCC(B) = 2.3 V to 5.5 V
[1]
VCCI  0.2
-
VCCI  0.2
-
V
VCC(A) = 2.3 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[1]
VCCI  0.4
-
VCCI  0.4
-
V
B port
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[1]
VCCI  0.4
-
VCCI  0.4
-
V
OE input
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
0.65VCC(A)
-0.65VCC(A)
-V


Similar Part No. - NTS0102DP-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102DP-Q100 NXP-NTS0102DP-Q100 Datasheet
542Kb / 34P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 1.3-20 April 2022
More results

Similar Description - NTS0102DP-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
logo
NXP Semiconductors
NTS0102 NXP-NTS0102_V02 Datasheet
753Kb / 43P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 - 6 July 2023
logo
Nexperia B.V. All right...
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com