Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB052E0824 Datasheet(PDF) 6 Page - AVX Corporation

Part # CB052E0824
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB052E0824 Datasheet(HTML) 6 Page - AVX Corporation

Back Button CB052E0824 Datasheet HTML 2Page - AVX Corporation CB052E0824 Datasheet HTML 3Page - AVX Corporation CB052E0824 Datasheet HTML 4Page - AVX Corporation CB052E0824 Datasheet HTML 5Page - AVX Corporation CB052E0824 Datasheet HTML 6Page - AVX Corporation CB052E0824 Datasheet HTML 7Page - AVX Corporation CB052E0824 Datasheet HTML 8Page - AVX Corporation CB052E0824 Datasheet HTML 9Page - AVX Corporation CB052E0824 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
15
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
MOUNTING AND SOLDERING RECOMMENDATIONS
*Reflow soldering referring to JEDEC Standard with some limitations
*JEDEC J-Std 020C
SOLDERING PROFILE
The capacitors can be mounted using infrared and vapor phase soldering following recommended below. They are NOT
suitable for wave soldering.
All temperature refer to topside of the package, measured on the package body surface.
RECOMMENDED SOLDER PASTE THICKNESS
Profile Feature
2220 to 2824
4030 to 6054
Ramp-Up (Ts max to Tp)
3°C / second max
3°C / second max
Preheat
- Temperature Min (Ts min)
150°C
150°C
- Temperature Min (Ts max)
200°C
200°C
- Time (ts min to ts max)
180 sec. max
180 sec. max
Time maintained above
- Temperature (TL)
217°C
217°C
- Time (tL)
60 sec. max
75 sec. max
Peak temperature (Tp)
240°C
245°C
Time within 5°C of peak
10 sec.
10 sec.
temperature (tp)
Ramp-Down
6°C / sec.
6°C / sec.
For optimum solderability, the recommended soldering
paste thickness: 2220 to 2824 :150 to 200µm
4030 to 6054 :200 to 300µm
In case of hand soldering, the temperature of the soldering
iron should not be above 250°C. Special care must be taken
to avoid touching the capacitor body with the iron tip.
Size Code
Case Size
A
B
C
04
2220
5.00 (0.195)
1.90 (0.075)
4.50 (0.178)
05
2824
6.00 (0.234)
2.50 (0.098)
5.70 (0.224)
16
4030
7.50 (0.295)
3.00 (0.118)
8.00 (0.315)
17
5040
11.2 (0.441)
3.50 (0.137)
10.3 (0.406)
18
6064
14.6 (0.575)
3.60 (0.147)
12.6 (0.496)
PAD DIMENSIONS: millimeters (inches)
A
CB
RECOMMENDED CLEANING
To clean flux from the PC board assembly, the recommended
products are: ethanol, isopropyl alcohol, and deionized water
wash. The cleaning products to avoid are: Toluene, Xylene,
Trichloroethylene, Terpene Cleaner EC-7, surface active
agent. In case of using another solvent, please contact us.
OTHER CAUTIONS
Flame retardancy: the dielectric film is not a flame retardant
material.
Environment: contact us when chips are used in humid or
gas atmosphere and /or when using resin.
Recommended handling: do not use edged tools, so not
to damage the capacitors.
TIN WHISKERS TESTS : JEDEC STANDARD NO 22A121
Stress Type
Ref. Spec.
Test Conditions
Analysis
Results
Temperature cycling
JESD22-A104
-55°C +85(+10/-0)°C air
SEM x 1000
Pass
5 to 10 minutes soak 3 cycles/hour
Ambient Temperature /
30+/-2°C - 60+/-3% RH -2000H
SEM x 1000
Pass
Humidity Storage
High Temperature /
70+/-5°C - 93+3/-2% RH -1000H
SEM x 1000
Pass
Humidity Storage
030
Time (seconds)
60
90
120 150 180 210 240
Ramp
down
Ramp up
270 300 330
Tp
Tp - 5ºC
Ts min
Ts max
TL
tS
tp
tL


Similar Part No. - CB052E0824

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CB0501A MARATHON-CB0501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501B MARATHON-CB0501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501C MARATHON-CB0501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501D MARATHON-CB0501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501X MARATHON-CB0501X Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CB052E0824

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com