Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB052E0824 Datasheet(PDF) 8 Page - AVX Corporation

Part # CB052E0824
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB052E0824 Datasheet(HTML) 8 Page - AVX Corporation

Back Button CB052E0824 Datasheet HTML 2Page - AVX Corporation CB052E0824 Datasheet HTML 3Page - AVX Corporation CB052E0824 Datasheet HTML 4Page - AVX Corporation CB052E0824 Datasheet HTML 5Page - AVX Corporation CB052E0824 Datasheet HTML 6Page - AVX Corporation CB052E0824 Datasheet HTML 7Page - AVX Corporation CB052E0824 Datasheet HTML 8Page - AVX Corporation CB052E0824 Datasheet HTML 9Page - AVX Corporation CB052E0824 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
17
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
RMS VOLTAGE AND CURRENT VERSUS FREQUENCY
MAXIMUM VOLTAGE (VRMS) AND CURRENT (IRMS) VS FREQUENCY
Typical curves results from measurement carried out at ambient temperature (25ºC) and sinusoidal wave-forms
(for size CB04 to CB18)
0
5
10
15
20
25
30
35
40
45
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
4.7µF 1.5µF 0.47µF
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
1µF
0.47µF
0.1µF
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
4.7µF
1.5µF
0.22µF
63Vdc / 40 Vac
100 Vdc / 63 Vac
250 Vdc / 160 Vac
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
1
10
100
1000
10000
4.7µF
1.5µF
0.47µF
FREQUENCY (kHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
1µF
0.47µF
0.1µF
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
4.7µF
1.5µF
0.22µF
63Vdc / 40 Vac
100 Vdc / 63 Vac
250 Vdc / 160 Vac


Similar Part No. - CB052E0824

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CB0501A MARATHON-CB0501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501B MARATHON-CB0501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501C MARATHON-CB0501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501D MARATHON-CB0501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501X MARATHON-CB0501X Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CB052E0824

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com