Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020C5ES Datasheet(PDF) 2 Page - Altera Corporation

Part # EP1SGX40DF1020C5ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020C5ES Datasheet(HTML) 2 Page - Altera Corporation

  EP1SGX40DF1020C5ES Datasheet HTML 1Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 2Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 3Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 4Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 5Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 6Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 7Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 8Page - Altera Corporation EP1SGX40DF1020C5ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 272 page
background image
Section I–2
Altera Corporation
Preliminary
Stratix GX Device Family Data Sheet
Stratix GX Device Handbook, Volume 1
Revision History
The table below shows the revision history for Chapters 1 through 7.
Chapter(s)
Date / Version
Changes Made
Comments
1
February 2005,
v1.0
Initial Release.
2
June 2006, v1.1
Updated “Serial Loopback” section.
Updated Figures 2–1 through 2–3.
Updated Figure 2–13.
Updated Figures 2–26 and 2–27.
February 2005,
v1.0
Initial Release.
3
August 2005,
v1.1
Added Note (3) to Figure 3-7.
4
February 2005,
v1.0
Initial Release.
5
February 2005,
v1.0
Initial Release.
6
June 2006, v1.2
Updated “Operating Conditions” section.
Updated Table 6–4.
Updated note 3 in Table 6–6.
Added note 12 in Table 6–7.
Updated Figure 6–1.
Added Figure 6–2.
Updated Tables 6–13 through 6–16.
Changed VOD to VID for
receiver input voltage and
refclkb
input voltage in
Table 6–4.
Changed value for
undershoot during transition
from -0.5 V to -2.0 V in note 3
of Table 6–6.
Changed value of VOCM from
mV to V in Table 6–15.
Changed unit value of W to
Ω..
August 2005,
v1.1
Updated Tables 6-7 and 6-50.
7
February 2005,
v1.0
Initial Release.


Similar Part No. - EP1SGX40DF1020C5ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020C5ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com