Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX25DF1020C6ES Datasheet(PDF) 5 Page - Altera Corporation

Part # EP1SGX25DF1020C6ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX25DF1020C6ES Datasheet(HTML) 5 Page - Altera Corporation

  EP1SGX25DF1020C6ES Datasheet HTML 1Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 2Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 3Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 4Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 5Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 6Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 7Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 8Page - Altera Corporation EP1SGX25DF1020C6ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 272 page
background image
Altera Corporation
1–3
February 2005
Stratix GX Device Handbook, Volume 1
Introduction to the Stratix GX Device Data Sheet
Stratix GX devices are available in space-saving FineLine BGA® packages
(refer to Tables 1–2 and 1–3), and in multiple speed grades (refer to
Table 1–4). Stratix GX devices support vertical migration within the same
package (that is, you can migrate between the EP1SGX10C and
EP1SGX25C devices in the 672-pin FineLine BGA package). See the
Stratix GX device pin tables for more information. Vertical migration
means that you can migrate to devices whose dedicated pins,
configuration pins, and power pins are the same for a given package
across device densities. For I/O pin migration across densities, you must
cross-reference the available I/O pins using the device pin-outs for all
planned densities of a given package type, to identify which I/O pins it
is possible to migrate. The Quartus II software can automatically cross
reference and place all pins for migration when given a device migration
list.
Table 1–1. Stratix GX Device Features
Feature
EP1SGX10C
EP1SGX10D
EP1SGX25C
EP1SGX25D
EP1SGX25F
EP1SGX40D
EP1SGX40G
LEs
10,570
25,660
41,250
Transceiver channels
4, 8
4, 8, 16
8, 20
Source-synchronous channels
22
39
45
M512 RAM blocks (32 × 18 bits)
94
224
384
M4K RAM blocks (128 × 36 bits)
60
138
183
M-RAM blocks (4K ×144 bits)
1
2
4
Total RAM bits
920,448
1,944,576
3,423,744
Digital signal processing (DSP) blocks
6
10
14
Embedded multipliers (1)
48
80
112
PLLs
4
4
8
Note to Table 1–1:
(1)
This parameter lists the total number of 9- × 9-bit multipliers for each device. For the total number of 18- × 18-bit
multipliers per device, divide the total number of 9- × 9-bit multipliers by 2. For the total number of 36- × 36-bit
multipliers per device, decide the total number of 9- × 9-bit multipliers by 8.
Table 1–2. Stratix GX Package Options & I/O Pin Counts (Part 1
of 2)
Note (1)
Device
672-Pin FineLine BGA
1,020-Pin FineLine BGA
EP1SGX10C
362
EP1SGX10D
362
EP1SGX25C
455


Similar Part No. - EP1SGX25DF1020C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX25D ALTERA-EP1SGX25D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX25DF1020C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com