Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5315-EVB Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI5315-EVB
Description  Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5315-EVB Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5315-EVB Datasheet HTML 1Page - Silicon Laboratories SI5315-EVB Datasheet HTML 2Page - Silicon Laboratories SI5315-EVB Datasheet HTML 3Page - Silicon Laboratories SI5315-EVB Datasheet HTML 4Page - Silicon Laboratories SI5315-EVB Datasheet HTML 5Page - Silicon Laboratories SI5315-EVB Datasheet HTML 6Page - Silicon Laboratories SI5315-EVB Datasheet HTML 7Page - Silicon Laboratories SI5315-EVB Datasheet HTML 8Page - Silicon Laboratories SI5315-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Si5315
Rev. 1.0
5
Single-ended Input Voltage
Swing
VISE
fCKIN < 212.5 MHz
See Figure 2.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 2.
0.25
VPP
Differential Input
Voltage Swing
VID
fCKIN < 212.5 MHz
See Figure 2.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 2.
0.25
VPP
CKOUTn Output Clocks
Common Mode
VOCM
LVPECL 100
 load
line-to-line
VDD
1.42
—VDD
1.25
V
Differential Output Swing
VOD
LVPECL 100
 load
line-to-line
1.1
1.9
VPP
Single Ended Output Swing
VSE
LVPECL 100
 load
line-to-line
0.5
0.93
VPP
Differential Output Voltage
CKOVD
CML 100
 load
line-to-line
350
425
500
mVPP
Common Mode
Output Voltage
CKOVCM
CML 100
 load
line-to-line
—VDD
0.36
—V
Differential
Output Voltage
CKOVD
LVDS 100
 load
line-to-line
500
700
900
mVPP
Low swing LVDS 100
 load
line-to-line
350
425
500
mVPP
Common Mode
Output Voltage
CKOVCM
LVDS 100
 load
line-to-line
1.125
1.2
1.275
V
Differential Output Resistance
CKORD
CML, LVPECL, LVDS,
Disable
—200
Output Voltage Low
CKOVOLLH
CMOS
0.4
V
Output Voltage High
CKOVOHLH
VDD = 1.71 V
CMOS
0.8 x VDD
——
V
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. Refers to Si5315A speed grade.
2. Refers to Si5315B speed grade.
3. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 11.


Similar Part No. - SI5315-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5315-EVB SILABS-Si5315-EVB Datasheet
416Kb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5315-EVB SKYWORKS-SI5315-EVB Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

Similar Description - SI5315-EVB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
   Jitter attenuation and frequency multiplication
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
Micrel Semiconductor
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com