Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX25CF1020I6ES Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1SGX25CF1020I6ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX25CF1020I6ES Datasheet(HTML) 3 Page - Altera Corporation

  EP1SGX25CF1020I6ES Datasheet HTML 1Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 2Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 3Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 4Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 5Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 6Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 7Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 8Page - Altera Corporation EP1SGX25CF1020I6ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 272 page
background image
Altera Corporation
1–1
February 2005
1. Introduction to the
Stratix GX Device Data Sheet
Overview
The Stratix® GX family of devices is Altera’s second FPGA family to
combine high-speed serial transceivers with a scalable, high-performance
logic array. Stratix GX devices include 4 to 20 high-speed transceiver
channels, each incorporating clock data recovery (CDR) technology and
embedded SERDES capability at data rates of up to 3.1875 gigabits per
second (Gbps). These transceivers are grouped by four-channel
transceiver blocks, and are designed for low power consumption and
small die size. The Stratix GX FPGA technology is built upon the Stratix
architecture, and offers a 1.5-V logic array with unmatched performance,
flexibility, and time-to-market capabilities. This scalable,
high-performance architecture makes Stratix GX devices ideal for
high-speed backplane interface, chip-to-chip, and communications
protocol-bridging applications.
Features
Transceiver block features are as follows:
High-speed serial transceiver channels with CDR provides
500-megabits per second (Mbps) to 3.1875-Gbps full-duplex
operation
Devices are available with 4, 8, 16, or 20 high-speed serial
transceiver channels providing up to 127.5 Gbps of full-duplex
serial bandwidth
Support for transceiver-based protocols, including 10 Gigabit
Ethernet attachment unit interface (XAUI), Gigabit Ethernet
(GigE), and SONET/SDH
Compatible with PCI Express, SMPTE 292M, Fibre Channel, and
Serial RapidIO I/O standards
Programmable differential output voltage (VOD), pre-emphasis,
and equalization settings for improved signal integrity
Individual transmitter and receiver channel power-down
capability implemented automatically by the Quartus® II
software for reduced power consumption during non-operation
Programmable transceiver-to-FPGA interface with support for
8-, 10-, 16-, and 20-bit wide data paths
1.5-V pseudo current mode logic (PCML) for 500 Mbps to
3.1875 Gbps
Support for LVDS, LVPECL, and 3.3-V PCML on reference
clocks and receiver input pins (AC-coupled)
Built-in self test (BIST)
Hot insertion/removal protection circuitry
SGX51001-1.0


Similar Part No. - EP1SGX25CF1020I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX25C ALTERA-EP1SGX25C Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX25CF1020I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com