Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40FF1020I6ES Datasheet(PDF) 7 Page - Altera Corporation

Part # EP1SGX40FF1020I6ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40FF1020I6ES Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP1SGX40FF1020I6ES Datasheet HTML 3Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 4Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 5Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 6Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 7Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 8Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 9Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 10Page - Altera Corporation EP1SGX40FF1020I6ES Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 272 page
background image
Altera Corporation
1–5
February 2005
Stratix GX Device Handbook, Volume 1
Introduction to the Stratix GX Device Data Sheet
Figure 1–1. Stratix GX I/O Blocks
Note (1)
Notes to Figure 1–1:
(1)
Figure 1–1 is a top view of the Stratix GX silicon die.
(2)
Banks 9 through 12 are enhanced PLL external clock output banks.
(3)
If the high-speed differential I/O pins are not used for high-speed differential signaling, they can support all of the
I/O standards except HSTL class I and II, GTL, SSTL-18 Class II, PCI, PCI-X, and AGP 1×/2×.
(4)
For guidelines for placing single-ended I/O pads next to differential I/O pads, see the Selectable I/O Standards in
Stratix & Stratix GX Devices chapter of the Stratix GX Device Handbook, Volume 2.
(5)
These I/O banks in Stratix GX devices also support the LVDS, LVPECL, and 3.3-V PCML I/O standards on
reference clocks and receiver input pins (AC coupled).
FPGA Functional
Description
Stratix GX devices contain a two-dimensional row- and column-based
architecture to implement custom logic. A series of column and row
interconnects of varying length and speed provide signal interconnects
between logic array blocks (LABs), memory block structures, and DSP
blocks.
LVDS, LVPECL, 3.3-V PCML,
and HyperTransport I/O Block
and Regular I/O Pins (3)
I/O Banks 3, 4, 9 & 10 Support
All Single-Ended I/O Standards (2)
I/O Banks 7, 8, 11 & 12 Support
All Single-Ended I/O Standards (2)
I/O Banks 1 and 2 Support All
Single-Ended I/O Standards Except
Differential HSTL Output Clocks,
Differential SSTL-2 Output Clocks,
HSTL Class II, GTL, SSTL-18 Class II,
PCI, PCI-X, and AGP 1
×/2×
DQST9
DQST8
DQST7
DQST6
DQST5
DQST4
DQST3
DQST2
DQST1
DQST0
PLL5
VREF1B3
VREF2B3
VREF3B3
VREF4B3
VREF5B3
VREF1B4
VREF2B4
VREF3B4
VREF4B4
VREF5B4
VREF5B8
VREF4B8
VREF3B8
VREF2B8
VREF1B8
VREF5B7
VREF4B7
VREF3B7
VREF2B7
VREF1B7
PLL6
DQSB9
DQSB8
DQSB7
DQSB6
DQSB5
DQSB4
DQSB3
DQSB2
DQSB1
DQSB0
910
PLL1
PLL2
Bank 3
Bank 4
11
12
Bank 8
Bank 7
LVDS, LVPECL, 3.3-V PCML,
and HyperTransport I/O Block
and Regular I/O Pins (3)
PLL7
PLL8
PLL12
PLL11
(4)
(4)
I/O Bank 13 (5)
I/O Bank 14 (5)
I/O Bank 17 (5)
I/O Bank 16 (5)
I/O Bank 15 (5)
1.5-V PCML (5)


Similar Part No. - EP1SGX40FF1020I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40FF1020I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com