Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLT1460-5MG Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT1460-5MG
Description  Infrared Laser Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT1460-5MG Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT1460-5MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com
RLT1460-5MG TECHNICAL DATA
Infrared Laser Diode
Structure: double heterostructure
Lasing wavelength: 1460 nm typ.
Max. optical power: 5 mW
Package: 5.6 mm
PIN CONNECTION:
1) Laser diode cathode
2) Laser diode anode and photodiode cathode
3) Photodiode anode
Maximum Ratings (Tc=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Optical Output Power
Po
5
mW
LD Reverse Voltage
VR(LD)
2
V
PD Reverse Voltage
VR(PD)
30
V
Operating Temperature
Top
-10 .. +50
°C
Storage Temperature
Tstg
-40 .. +85
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL TEST CONDITION MIN TYP MAX
UNIT
Threshold Current
Ith
cw
-
15
20
mA
Operation Current
Iop
Po = 5 mW
-
35
40
mA
Operation Voltage
Vop
Po = 5 mW
1.0
1.2
1.3
V
Lasing Wavelength
λp
Po = 5 mW
1450 1460 1470
nm
Beam Divergence
θ//
Po = 5 mW
8
10
15
°
Beam Divergence
θ
Po = 5 mW
25
30
40
°
Differential Efficiency
η
Po = 5 mW
-
200
300
µW/mA
Monitor Current
Im
Po = 5 mW, Vr=5V
250
350
650
µA
NOTE!
LASERDIODE
MUST BE COOLED!


Similar Part No. - RLT1460-5MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT1450-2WC ROITHNER-RLT1450-2WC Datasheet
425Kb / 2P
   Red Laser Diode
More results

Similar Description - RLT1460-5MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
   Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
   Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
   Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
   Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
   Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
   infrared diode laser
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
   Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
   Infrared Laser Diode
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
   INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
   Infrared Laser Diode
RLT1064-100GS ROITHNER-RLT1064-100GS Datasheet
449Kb / 2P
   Infrared Laser Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com