Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I7ES Datasheet(PDF) 6 Page - Altera Corporation

Part # EP1SGX40DF1020I7ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I7ES Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP1SGX40DF1020I7ES Datasheet HTML 2Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 3Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 4Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 5Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 6Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 7Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 8Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 9Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 272 page
background image
1–4
Altera Corporation
Stratix GX Device Handbook, Volume 1
February 2005
High-Speed I/O Interface Functional Description
High-Speed I/O
Interface
Functional
Description
The Stratix GX device family supports high-speed serial transceiver
blocks with CDR circuitry as well as source-synchronous interfaces. The
channels on the right side of the device use an embedded circuit
dedicated for receiving and transmitting high-speed serial data streams
to and from the system board. These channels are clustered in a
four-channel serial transceiver building block and deliver high-speed
bidirectional point-to-point data transmissions to provide up to
3.1875 Gbps of full-duplex data transmission per channel. The channels
on the left side of the device support source-synchronous data transfers
at up to 1 Gbps using LVDS, LVPECL, 3.3-V PCML, or HyperTransport
technology I/O standards. Figure 1–1 shows the Stratix GX I/O blocks.
The differential source-synchronous serial interface and the high-speed
serial interface are described in the Stratix GX Transceivers chapter of the
Stratix GX Device Handbook, Volume 1.
EP1SGX25D
455
607
EP1SGX25F
607
EP1SGX40D
624
EP1SGX40G
624
Note to Table 1–2:
(1)
The number of I/O pins listed for each package includes dedicated clock pins and
dedicated fast I/O pins. However, these numbers do not include high-speed or
clock reference pins for high-speed I/O standards.
Table 1–3. Stratix GX FineLine BGA Package Sizes
Dimension
672 Pin
1,020 Pin
Pitch (mm)
1.00
1.00
Area (mm2)
729
1,089
Length × width (mm × mm)
27 × 27
33 × 33
Table 1–4. Stratix GX Device Speed Grades
Device
672-Pin FineLine BGA
1,020-pin FineLine BGA
EP1SGX10
-5, -6, -7
EP1SGX25
-5, -6, -7
-5, -6, -7
EP1SGX40
-5, -6, -7
Table 1–2. Stratix GX Package Options & I/O Pin Counts (Part 2
of 2)
Note (1)
Device
672-Pin FineLine BGA
1,020-Pin FineLine BGA


Similar Part No. - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com