Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-796J-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-796J-000E
Description  Optically Isolated Sigma-Delta Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-796J-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-796J-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACPL-796J
Optically Isolated Sigma-Delta Modulator
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-796J is a 1-bit, second-order sigma-delta (
6')
modulator converts an analog input signal into a high-
speed data stream with galvanic isolation based on optical
coupling technology. The ACPL-796J operates from a 5 V
power supply with dynamic range of 80 dB with an appro-
priate digital filter. The differential inputs of ±200 mV (full
scale ±320 mV) are ideal for direct connection to shunt
resistors or other low-level signal sources in applications
such as motor phase current measurement.
The analog input is continuously sampled by means of
sigma-delta over-sampling using external clock, coupled
across the isolation barrier, which allows synchronous
operation with any digital controller. The signal infor-
mation is contained in the modulator data, as a density
of ones with data rate up to 20 MHz, and the data are
encoded and transmitted across the isolation boundary
where they are recovered and decoded into high-speed
data stream of digital ones and zeros. The original signal
information can be reconstructed with a digital filter. The
serial interface has a wide supply range of 3 V to 5.5 V.
Combined with superior optical coupling technology,
the modulator delivers high noise margins and excellent
immunity against isolation-mode transients. With 0.5 mm
minimum distance through insulation (DTI), the ACPL-796J
provides reliable double protection and high working
insulation voltage, which is suitable for fail-safe designs.
This outstanding isolation performance is superior to
alternatives including devices based on capacitive- or
magnetic-coupling with DTI in micro-meter range. Offered
in an SO-16 package, the isolated ADC delivers the reli-
ability, small size, superior isolation and over-temperature
performance motor drive designers need to accurately
measure current at much lower price compared to tradi-
tional current transducers.
The internal clock version modulators, HCPL-7860 (DIP-8/
gull wing surface mount package) and HCPL-786J (SO-16
package), are also available.
Features
x 5 MHz to 20 MHz external clock input range
x 1-bit, second-order sigma-delta modulator
x 16 bits resolution no missing codes (12 bits ENOB)
x 74 dB minimum SNR
x 3.5 PV/°C maximum offset drift
x ±1% maximum gain error
x Internal reference voltage
x ±200 mV linear range with single 5 V supply
x 3 V to 5.5 V wide supply range for digital interface
x –40°C to +105°C operating temperature range
x SO-16 package
x 25 kV/Ps common-mode transient immunity
x Safety and regulatory approval (pending):
IEC/EN/DIN EN 60747-5-5: 1230 Vpeak working
insulation voltage
UL 1577: 5000 Vrms/1min double protection rating
CSA: Component Acceptance Notice #5
Applications
x Motor phase and rail current sensing
x Power inverter current and voltage sensing
x Industrial process control
x Data acquisition systems
x General purpose current and voltage sensing
x Traditional current transducer replacements
Functional Block Diagram
Figure 1.
Σ−Δ
MODULATOR/
ENCODER
VIN
SHIELD
VIN
VREF
LED
DRIVER
CLOCK
DETECTOR
SHIELD
DECODER
LED
DRIVER
MCLKIN
MDAT
VDD2
GND2
GND1
VDD1
ACPL-796J
+


Similar Part No. - ACPL-796J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J AVAGO-ACPL-796J Datasheet
305Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results

Similar Description - ACPL-796J-000E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com