Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-844-000E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-844-000E
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-844-000E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-844-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image

Ordering Information
ACPL-8x4isULRecognizedwith5000Vrmsfor1minuteperUL1577andisapprovedunderCSAComponentAcceptance
Notice#5,FileCA88324.
Part number
RoHS Compliant
Option
Package
No. of
Channels
Surface
Mount
Gull
Wing
Tape
& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
Rank‘0’
20%<CTR<300%
ACPL-84
-000E
300mil DIP-8
Dual
50 pcs per tube
-300E
300mil DIP-8
x
X
50 pcs per tube
-500E
300mil DIP-8
X
X
X
000 pcs per reel
-060E
300mil DIP-8
X
50 pcs per tube
-360E
300mil DIP-8
x
x
X
50 pcs per tube
-560E
300mil DIP-8
x
X
X
X
000 pcs per reel
-W00E
400mil DIP-8
50 pcs per tube
-W60E
400mil DIP-8
X
50 pcs per tube
ACPL-844
-000E
300mil DIP-6
Quad
5 pcs per tube
-300E
300mil DIP-6
x
X
5 pcs per tube
-060E
300mil DIP-6
X
5 pcs per tube
-360E
300mil DIP-6
x
X
X
5 pcs per tube
-W00E
400mil DIP-6
5 pcs per tube
-W60E
400mil DIP-6
X
5 pcs per tube
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption
columntoformanorderentry.
Example1:
ACPL-824-360Etoorderproductof300milDIP-8DualChannelACGullWingSurfaceMountpackageinTubepackaging
with20%<CTR<300%,IEC/EN/DINEN60767-5-2SafetyApprovalandRoHScompliant.
Example2:
ACPL-844-W00Etoorderproductof400milDIP-16QuadChannelACpackageinTubepackagingwith20%<CTR<300%
andRoHScompliant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.


Similar Part No. - ACPL-844-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-844 AVAGO-ACPL-844 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-844-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com