Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBD4448
Description  High Conductance Fast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD4448 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBD4448 Datasheet HTML 1Page - Fairchild Semiconductor MMBD4448 Datasheet HTML 2Page - Fairchild Semiconductor MMBD4448 Datasheet HTML 3Page - Fairchild Semiconductor MMBD4448 Datasheet HTML 4Page - Fairchild Semiconductor MMBD4448 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DISCRETE POWER AND SIGNAL
TECHNOLOGIES
Absolute Maximum Ratings* TA = 25OC unless otherwise noted
Sym
Parameter
Value
Units
Tstg
Storage Temperature
-55 to +150
OC
TJ
Operating Junction Temperature
-55 to +150
OC
PD
Total Power Dissipation at TA = 25
OC
350
W
Linear Derating Factor from TA = 25
OC
2.8
mW/OC
ROJA
Thermal Resistance Junction-to-Ambient
357
OC/W
Wiv
Working Inverse Voltage
75
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current (IF)
600
mA
if
Recurrent Peak Forward Current (IF)
700
mA
iF(surge)
Peak Forward Surge Current (IFSM) Pulse Width = 1.0 second
1.0
Amp
Pulse Width = 1.0 microsecond
2.0
Amp
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
MMBD4448
Electrical Characteristics
TA = 25OC unless otherwise noted
SYM
CHARACTERISTICS
MIN
MAX
UNITS
TEST CONDITIONS
B
V
Breakdown Voltage
100
V
I
R
= 100 uA
75
V
I
R
=
5.0 uA
I
R
Reverse Leakage
25
nA
V
R
=
20 V
50
uA
V
R
=
20 V T
A = 150 Deg C
5.0
uA
V
R
=
75 V
V
F
Forward Voltage
620
720
mV
I
F
=
5 mA
1.0
V
I
F
= 100 mA
C
T
Capacitance
2.0
pF
V
R
=
0.0 V, f = 1.0 MHz
T
RR
Reverse Recovery Time
4.0
ns
I
F
= 10 mA I
R = 10 mA
I
RR
= 1.0 Ma, R
L = 100 ohms
V
FM Peak Forward Recovery Voltage
2.5
V
I
F
= 50 mA Pk Square Wave
High Conductance
Fast Diode
© 1997 Fairchild Semiconductor Corporation
Features:
• 350 milliwatt Power Dissipation package.
• High Breakdown Voltage, Fast Switching Speed.
• Typical capacitance less than 1.5 picofarad.
Ordering:
• 7 inch reel (178 mm); 8 mm Tape; 3,000 units per reel.
General Description:
The high breakdown voltage, fast switching speed and high
forward conductance of this diode packaged in a SOT-23
Surface Mount package makes it desirable also as a general
purpose diode.
Top Mark: RAB
3
1
2
PACKAGE
TO-236AB (Low)
3
2 NC
1
CONNECTION DIAGRAMS
Revision A; November 10, 1998


Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
81Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. 16 - 2
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
   High Conductance Ultra Fast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com