Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-824-060E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-824-060E
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-824-060E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-824-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-824-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
DIMENSIONSIN[MILLIMETERS]ANDINCHES
DIMENSIONSIN[MILLIMETERS]ANDINCHES
ACPL-844 Package Outline - Option 300
DIMENSIONSIN[MILLIMETERS]ANDINCHES
ACPL-844 Package Outline - Option W00
ACPL-844 Package Outline - Option 060
0.30 ±0.01
7.62 ±0.30
[7.62 - 9.98]
0.3 - 0.39
0.01
0.26
0.10 ±0.01
2.54 ±0.25
0.11 ±0.02
2.80 ±0.50
0.781 ±0.020
19.84 ±0.50
0.138 ±0.020
3.50 ±0.50
0.02 TYP
0.50
0.130 ±0.020
3.30 ±0.50
0.02 ±0.00
0.50 ±0.10
0.256 ±0.020
6.50 ±0.50
A 844 V
YYWW
PIN ONE DOT
LEAD FREE
DATE CODE
0.30 ±0.01
7.62 ±0.30
0.01
0.26
0.40 ±0.01
10.16 ±0.30
0.039 ±0.010
1 ±0.25
0.10 ±0.01
2.54 ±0.25
0.781 ±0.020
19.84 ±0.50
0.05 ±0.00
1.20 ±0.10
0.01 ±0.01
0.35 ±0.25
0.138 ±0.020
3.50 ±0.50
0.256 ±0.020
6.50 ±0.50
A 844
YYWW
DATE CODE
PIN ONE DOT
LEAD FREE
0.40 ±0.02
10.16 ±0.50
0.272 ±0.020
6.90 ±0.50
0.30 ±0.01
7.62 ±0.30
0.10 ±0.01
2.54 ±0.25
0.11 ±0.02
2.80 ±0.50
0.781 ±0.020
19.84 ±0.50
0.138 ±0.020
3.50 ±0.50
0.02 ±0.00
0.50 ±0.10
0.256 ±0.020
6.50 ±0.50
A 844
YYWW
DATE CODE
LEAD FREE
PIN ONE DOT


Similar Part No. - ACPL-824-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-824 AVAGO-ACPL-824 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-824-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com