Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-4800-560E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-4800-560E
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-4800-560E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-4800-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Absolute Maximum Rating
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Forward Input Current
IF(AVG)
10
mA
Peak Transient Input Current
IF(TRAN)
( ≤ 1 µs Pulse Width, 300 pps)
1.0
A
( ≤ 200 µs Pulse Width, < 1% Duty Cycle)
40
mA
Reverse Input Voltage
VR
5
V
Average Output Current
IO
25
mA
Supply Voltage
VCC
0
25
V
Output Voltage
VO
-0.5
25
V
Total Package Power Dissipation
PT
210
mW
1
Lead Solder Temperature (Through Hole Parts Only)
260 °C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile (Surface Mount Parts Only)
See Package Outline Drawings section
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
20
V
Forward Input Current (ON)
IF(ON)
6
10
mA
Forward Input Voltage (OFF)
VF(OFF)
-
0.8
V
Operating Temperature
TA
-40
100
C
0
0
TA - CASE TEMPERATURE - oC
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)
Recommended Operating Conditions
Thermal Derating Curve


Similar Part No. - ACPL-4800-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-4800-560E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Broadcom Corporation.
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
   Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
   Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com