Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD1704A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBD1704A
Description  High Conductance Low Leakage Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD1704A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBD1704A Datasheet HTML 1Page - Fairchild Semiconductor MMBD1704A Datasheet HTML 2Page - Fairchild Semiconductor MMBD1704A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
IR = 5.0
µA
30
V
IR
Reverse Current
VR = 20 V
50
nA
VF
Forward Voltage
IF = 10
µA
IF = 100
µA
IF = 1.0 mA
IF = 10 mA
IF = 20 mA
IF = 50 mA
420
520
640
760
810
0.89
500
610
740
880
950
1.1
mV
mV
mV
mV
mV
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
1.0
pF
TRR
Reverse Recovery Time
MMBD1701-1705
MMBD1701A-1705A
IF = IR = 10 mA IRR = 1.0 mA,
RL = 100
IF = IR = 10 mA IRR = 1.0 mA,
RL = 100
700
1.0
pS
nS
Typical Characteristics
REVERSE VOLTAGE vs REVERSE CURRENT
BV - 1.0 to 100 uA
1
2
3
5
10
20
30
50
100
40
50
60
I - REVERSE CURRENT (uA)
R
Ta= 25°C
REVERSE CURRENT vs REVERSE VOLTAGE
IR - 1 to 22 V
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
1
2
3
5
10
20
0
5
10
V
- REVERSE VOLTAGE (V)
R
Ta= 25°C
FORWARD VOLTAGE vs FORWARD CURRENT
VF - 1.0 to 100 uA
1
2
3
5
10
20
30
50
100
300
350
400
450
500
550
600
I - FORWARD CURRENT (uA)
F
Ta= 25°C
FORWARD VOLTAGE vs FORWARD CURRENT
VF - 0.1 to 10 mA
0.1
0.2 0.3
0.5
1
2
3
5
10
550
600
650
700
750
800
850
I - FORWARD CURRENT (mA)
F
Ta= 25°C
High Conductance Low Leakage Diode
(continued)


Similar Part No. - MMBD1704A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBD1704A KEXIN-MMBD1704A Datasheet
41Kb / 2P
   High Conductance Low Leakage Diode
More results

Similar Description - MMBD1704A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
   High conductance low leakage diode
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
   High conductance low leakage diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
   High Conductance, Low Leakage Diode
FDLL300A FAIRCHILD-FDLL300A Datasheet
235Kb / 9P
   High Conductance Low Leakage Diode
logo
National Semiconductor ...
FDLL456 NSC-FDLL456 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
   HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
   High Conductance, Low Leakage Diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
   High conductance low leakage diode
logo
Shenzhen Luguang Electr...
MMBD1501A LUGUANG-MMBD1501A Datasheet
282Kb / 3P
   High Conductance Low Leakage Diode
logo
WILLAS ELECTRONIC CORP
MMBD1501A WILLAS-MMBD1501A Datasheet
393Kb / 4P
   High conductance low leakage diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com