Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-054L-560E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-054L-560E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-054L-560E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-054L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Switching Specifications (ACPL-054L/W50L/K54L)
Over recommended operating (TA = -40°C to 105°C), IF = 3mA, (2.7V ≤ VCC ≤ 24V), unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig.
Propagation Delay Time to
Logic Low at Output
TPHL
0.2
0.5
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=3.3 V, RL= 1.8k
,
CL=15pF, VTHHL=1.5V
14
0.2
1
s
6b, 14 
0.22
0.5
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=5.0 V, RL= 2.9k
,
CL=15pF, VTHHL=1.5V
14
0.22
1
s
7b, 14 
0.33
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=24V, RL=14.8k
,
CL=15pF, VTHHL=1.5V
14
0.33
1.3
s
8b, 14 
Propagation Delay Time to
Logic High at Output
TPLH
0.38
0.8
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=3.3 V, RL=1.8k
,
CL=15pF, VTHHL=2.0V
14
0.38
1.4
s
6b, 14 
0.31
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=5.0 V, RL=2.9k
,
CL=15pF, VTHHL=2.0V
14
0.31
1
s
7b, 14 
0.3
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=24V, RL=14.8k
,
CL=15pF, VTHHL=2.0V
14
0.3
1
s
8b, 14 
Pulse Width
Distortion[1]
PWD
0.18
0.8
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=3.3 V, RL=1.8k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.18
1.4
s
14
0.1
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=5.0V, RL = 2.9k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.1
1
s
14
0.1
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=24V, RL=14.8k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.1
1
s
14
Propagation Delay
Difference Between
Any two Parts[2]
tpsk
0.18
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=3.3 V, RL=1.8k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
 
0.1
0.6
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=5.0V, RL=2.9k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
 
0.1
0.6
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF=3mA, VCC=24V, RL=14.8k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
 
Common Mode Transient
Immunity at Logic High
Output[3]
|CMH|
1525 
kV/
s  VCM=1500V, IF=0mA, TA=25°C,
RL=1.8k
 or 2.9k, VCC=3.3 V or 5V
15
Common Mode Transient
Immunity at Logic Low
Output[4]
|CML|
1520 
kV/
s  VCM=1500V, IF=4mA, TA=25°C,
RL=2.9k
, VCC=5V
15
15
20
 
kV/
s  VCM=1500V, IF=3mA, TA=25°C,
RL=1.8k
, VCC=3.3 V
15
Notes:
1. Pulse Width Distortion (PWD) is defined as |tPHL - tPLH| for any given device.
2. The difference between tPLH and tPHL between any two parts under the same test condition. (See IPM Dead Time and Propagation Delay
Specifications section.)
3. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the common mode pulse, VCM,
to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V).
4. Common mode transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the falling edge of the common mode
pulse signal, VCM to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V).


Similar Part No. - ACPL-054L-560E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-054L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com