Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M61L-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61L-500E
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M61L-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M61L-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ACPL-W61L Stretched SO-6 Package
ACPL-K64L Stretched SO-8 Package
4.480±0.254
(0.0180±0.010)
45°
0.381±0.127
(0.015±0.005)
1.27 (0.050) BSG
0.20±0.10
(0.008±0.004)
0.45 (0.018)
0.750±0.250
(0.0295±0.010)
11.50±0.250
(0.453±0.010)
6.807
0.268
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
12.65 (0.498)
LAND PATTERN RECOMMENDATION
3.180±0.127
(0.125±0.005)
1.590±0.127
(0.063±0.005)
1.91 (0.075)
3
2
1
4
5
6
0.76 (0.030)
+0.127
0
+0.005
- 0.000 )
(
W61L
YWW
PART NUMBER
DATE CODE
ROHS-COMPLIANCE
INDICATOR
4
0.381±0.13
(0.015±0.005)
1.270 (0.050) BSG
12.650 (0.5)
1.905 (0.1)
3
2
1
5
6
7
8
5.850±0.254
(0.230±0.010)
LAND PATTERN RECOMMENDATION
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
45°
0.200±0.100
(0.008±0.004)
0.450 (0.018)
0.750±0.250
(0.0295±0.010)
11.5±0.250
(0.453±0.010)
6.807±0.127
(0.268±0.005)
3.180±0.127
(0.125±0.005)
1.590±0.127
(0.063±0.005)
K64L
YWW
PART NUMBER
DATE CODE
ROHS-COMPLIANCE
INDICATOR


Similar Part No. - ACPL-M61L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-M61L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com