Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M61L-560E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61L-560E
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M61L-560E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M61L-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACPL-064L, ACPL-M61L, ACPL-W61L, ACPL-K64L
Ultra Low Power 10 MBd Digital CMOS Optocouplers
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The Avago ultra low power ACPL-x6xL digital optocouplers
combine an AlGaAs light emitting diode (LED) and an
integrated high gain photodetector. The optocoupler
consumes extremely low power, at maximum 1.3mA IDD
current per channel across temperature. With a forward
LED current as low as 1.6 mA most microprocessors can
directly drive the LED.
An internal Faraday shield provides a guaranteed common
mode transient immunity specification of 20 kV/
μs.
Maximum AC and DC circuit isolation is achieved while
maintaining TTL/CMOS compatibility.
The optocouplers CMOS outputs are slew-rate controlled
and is designed to allow the rise and fall time to be con-
trolled over a wide load capacitance range.
The ACPL-x6xL series operates from both 3.3 V and 5 V
supply voltages with guaranteed AC and DC performance
from –40°C to +105°C.
These low-power optocouplers are suitable for high speed
logic interface applications.
Functional Diagrams
Features
• Ultra-low IDD current: 1.3 mA/channel maximum
• Low input current: 1.6 mA
• Built-in slew-rate controlled outputs
• 20 kV/μs minimum Common Mode Rejection (CMR) at
VCM = 1000 V
• High speed: 10 MBd minimum
• Guaranteed AC and DC performance over wide
temperature: –40°C to +105°C
• Wide package selection: SO-5, SO-8, stretched SO-6
and stretched SO-8
• Safety approval
– UL 1577 recognized – 3750 Vrms for 1 minute for
ACPL-064L/M61L and 5000 Vrms for 1 minute for
ACPL-W61L/K64L
– CSA Approval
– IEC/EN/DIN EN 60747-5-5 approval for Reinforced
Insulation
• RoHS compliant
Applications
• Communication interfaces: RS485, CANBus and I2C
• Microprocessor system interfaces
• Digital isolation for A/D and D/A convertors
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
2
3
6
4
1
5
NC*
Anode
Cathode
VDD
GND
Vo
SHIELD
ACPL-M61L
1
3
6
4
5
Anode
Cathode
VDD
GND
Vo
A 0.1
µF bypass capacitor must be connected between pins VDD and GND.
4
1
VDD
Vo1
Anode1
Cathode1
Vo2
GND
Cathode2
Anode2
SHIELD
3
2
5
8
6
7
ACPL-064L/K64L
ACPL-W61L
TRUTH TABLE
(POSITIVE LOGIC)
LED
OUTPUT
ON
L
OFF
H


Similar Part No. - ACPL-M61L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-M61L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com