Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3700 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3700
Description  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3700 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Package Outline Drawings
Standard DIP Package (HCPL-3700/3760)
9.40 (0.370)
9.90 (0.390)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXX
YYWW
DATE CODE
0.76 (0.030)
1.40 (0.056)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
5
6
7
8
4
3
2
1
0.20 (0.008)
0.33 (0.013)
6.10 (0.240)
6.60 (0.260)
5° TYP.
7.36 (0.290)
7.88 (0.310)
1
2
3
4
8
7
6
5
AC
AC
DC+
DC-
GND
VCC
NC
VO
PIN ONE
TYPE NUMBER
UL
RECOGNITION
UR
3.56 ± 0.13
(0.140 ± 0.005)
Schematic


Similar Part No. - HCPL-3700

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Similar Description - HCPL-3700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com