Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K54L-060E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K54L-060E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K54L-060E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-K54L-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Electrical Specifications (DC)
Over recommended operating TA = -40°C to 105°C, supply voltage (2.7V ≤ VCC ≤ 24V) and unless otherwise specified. All
typicals are at TA=25°C
Parameter
Sym.
Part Number
Min.
Typ.
Max.
Units
Conditions
Fig.
Current Transfer
Ratio
CTR[1]
ACPL-M50L
100
140
200
%
TA = 25°C
VO=0.4V
VCC=3.3V or 5V
IF=3mA
2,3
80
%
VO=0.5V
ACPL-054L
ACPL-W50L
ACPL-K54L
93
130
200
%
TA = 25°C
VO=0.4V
VCC=3.3V or 5V
IF=3mA
2,3
53
%
VO=0.5V
Logic Low
Output Voltage
VOL
0.2
0.4
V
TA = 25°C
IO=3mA
VCC=3.3V or 5V
IF=3mA
0.2
0.5
V
IO=1.6mA
Logic High
Output Current
IOH
0.003
0.5
A
TA = 25°C
VO=VCC=5.5V
IF=0mA
4,5
0.01
1
VO=VCC=24V
80
VO=VCC=24V
Logic Low
Supply Current
per Channel
ICCL
36
100
A
IF=3mA,
VO=open,
VCC=24V
Logic High
Supply Current
per Channel
ICCH
0.02
2
A
IF=0mA,
VO=open,
VCC=24V
Input Forward
Voltage
VF
1.5
1.8
V
TA=25°C
IF=3mA
1
1.5
1.95
V
IF=3mA
Input Reversed
Breakdown Voltage
BVR
5V
IR=10
A
Temperature
Coefficient of
Forward Voltage
VF/
TA
-1.6
mV/°C
IF=3mA
Input Capacitance
CIN
77
pF
F = 1MHz,
VF = 0
Notes:
1. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%.


Similar Part No. - ACPL-K54L-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K54L BOARDCOM-ACPL-K54L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-K54L BOARDCOM-ACPL-K54L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-K54L-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com