Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5120 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5120
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5120 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Specifications (DC)
Over recommended operating conditions (T
A
= -55 to +125
C, I
F(ON)
= 10 to 18 mA, V
F(OFF)
= -3.0 to 0.8V, V
CC
= 15 to 30
V, V
EE
= Ground), unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig
Note
Min.
Typ. *
Max.
High Level
Output Current
I
OH
V
O
= (V
CC
- 4 V)
1, 2, 3
0.5
1.5
A
2, 3, 17
2
V
O
= (VCC - 15 V)
2.0
A
1
Low Level
Output Current
I
OL
V
O
= (V
EE
+ 2.5 V)
1, 2, 3
0.5
2.0
A
5, 6, 18
2
V
O
= (V
EE
+ 15 V)
2.0
A
1
High Level
Output Voltage
V
OH
I
O
= -100 mA
1, 2, 3
(V
CC
- 4)
(V
CC
- 3)
V
1, 3, 19
3, 4
Low Level
Output Voltage
V
OL
I
O
= 100 mA
1, 2, 3
0.1
0.5
V
4, 6, 20
High Level
Supply Current
I
CCH
Output Open,
I
F
= 10 to 18 mA
1, 2, 3
2.5
5.0
mA
7, 8
Low Level
Supply Current
I
CCL
Output Open,
V
F
= -3.0 to +0.8V
1, 2, 3
2.5
5.0
mA
Threshold Input
Current Low to High
I
FLH
I
O
= 0 mA,
V
O
> 5 V
1, 2, 3
3.5
9.0
mA
9, 15, 21
Threshold Input
Voltage High to Low
V
FHL
1, 2, 3
0.8
V
Input Forward
Voltage
V
F
I
F
= 10 mA
1, 2, 3
1.2
1.5
1.8
V
16
Temperature Coef-
ficient of Forward
Voltage
V
F
/
T
A
I
F
= 10 mA
-1.6
mV/
C
Input Reverse
Breakdown Voltage
BV
R
I
R
= 10
A
1, 2, 3
5
V
Input
Capacitance
C
IN
f = 1 MHz, V
F
= 0 V
80
pF
UVLO Threshold
V
UVLO+
V
O
> 5 V,
I
F
= 10 mA
1, 2, 3
11.0
12.3
13.5
V
22, 37
V
UVLO-
1, 2, 3
9.5
10.7
12.0
UVLO Hysteresis
UVLO
HYS
1.6
*All typical values at T
A
= 25
C and V
CC
- V
EE
= 30 V, unless otherwise noted.


Similar Part No. - HCPL-5120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-5120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com