Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5640 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5640
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5640 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5640 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5640 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Recommended Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Units
Notes
Temperature HEDS Series
TA
-40
100
°C
Temperature HEDM Series
5500/5600
TA
-40
70
°C
non-condensing
atmosphere
5540
TA
-40
85
°C
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Ripple < 100 mVp-p
Load Capacitance
CL
100
pF
2.7 kΩ pull-up
Count Frequency
f
100
kHz
Velocity (rpm) x N/60
Shaft Perpendicularity
Plus Axial Play (HEDS Series)
± 0.25
(±0.010)
mm
(in.)
6.9 mm (0.27 in.)
from mounting surface
Shaft Eccentricity Plus
Radial Play (HEDS Series)
0.04
(0.0015)
mm (in.)
TIR
6.9 mm (0.27 in.)
from mounting surface
Shaft Perpendicularity
Plus Axial Play (HEDM Series)
± 0.175
(±0.007)
mm
(in.)
6.9 mm (0.27 in.)
from mounting surface
Shaft Eccentricity Plus
Radial Play(HEDM Series)
0.04
(0.0015)
mm (in.)
TIR
6.9 mm (0.27 in.)
from mounting surface
Note: The module performance is guaranteed to 100 kHz but can operate at higher frequencies. 2.7 kΩ pull-up resistors required for HEDS-
5540/5640 and HEDM-5540.
Encoding Characteristics
Part No.
Description
Sym.
Min
Typ.*
Max.
Units
HEDS-5500
HEDS-5600
(Two Channel)
Pulse Width Error
Logic State Width Error
Phase Error
Position Error
Cycle Error
ΔP
ΔS
ΔΦ
ΔΘ
ΔC
7
5
2
10
3
45
45
20
40
5.5
°e
°e
°e
min. of arc
°e
HEDM-5500
HEDM-5600
(Two Channel)
Pulse Width Error
Logic State Width Error
Phase Error
Position Error
Cycle Error
ΔP
ΔS
ΔΦ
ΔΘ
ΔC
10
10
2
10
3
45
45
15
40
7.5
°e
°e
°e
min. of arc
°e
HEDS-5540
HEDS-5640
(Three Channel)
Pulse Width Error
Logic State Width Error
Phase Error
Position Error
Cycle Error
Index Pulse Width
ΔP
ΔS
ΔΦ
ΔΘ
ΔC
Po
55
5
5
2
10
3
90
45
35
15
40
5.5
125
°e
°e
°e
min. of arc
°e
°e
CH.I rise after
CH.A or CH. B fall
-40°C to +100°C
t1
-300
100
250
ns
CH.I fall after
CH.A or CH. B rise
-40°C to +100°C
t2
70
150
1000
ns
HEDM-5540
(Three Channel)
Pulse Width Error
Logic State Width Error
Phase Error
Position Error
Cycle Error
Index Pulse Width
ΔP
ΔS
ΔΦ
ΔΘ
ΔC
Po
50
10
10
2
10
6
90
45
45
15
40
12
130
°e
°e
°e
min. of arc
°e
°e
CH.I rise after
CH.A or CH. B fall
-40°C to + 85°C
t1
200
1000
1500
ns
CH.I fall after
CH.A or CH. B rise
-40°C to + 85°C
t2
0
300
1500
ns
Note: See Mechanical Characteristics for mounting tolerances. *Typical values specified at VCC = 5.0 V and 25°C.


Similar Part No. - HEDS-5640

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5640 HP-HEDS-5640 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5640 AVAGO-HEDS-5640 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5640 AVAGO-HEDS-5640 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5640 AVAGO-HEDS-5640 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5640 AVAGO-HEDS-5640 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5640

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com