Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-1412-TR1G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1412-TR1G
Description  GPS LNA-Filter Front-End Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1412-TR1G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-1412-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-TR1G Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ALM-1412 Typical Scattering Parameters at 25°C, Vdd = 2.85 V, Vsd = +2.6V, Idd = 8mA (typ)
The S- and Noise Parameters are measured using the PCB described in Figures 6 and 7. The PCB material is 10 mils
Rogers® RO4350. Figure 23 shows the input and output reference planes. The circuit values, with the exception of L3,
are as indicated in Figure 6.
Freq.
S11
S11
S21
S21
S21
S12
S12
S22
S22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Ang.
Mag.
Ang.
0.3
0.9414
51.75
-49.77
0.0032
-82.50
-59.00
84.27
1.0023
-37.50
0.5
0.9810
14.17
-43.75
0.0065
-131.02
-60.91
54.30
1.0081
-62.37
0.7
0.9591
-10.49
-41.23
0.0087
178.63
-63.01
87.77
1.0077
-88.32
0.8
0.9388
-19.17
-42.09
0.0079
147.58
-64.55
123.93
1.0022
-100.80
0.8275
0.9413
-21.42
-40.90
0.0090
146.27
-62.48
-178.15
1.0000
-103.57
0.9
0.9349
-27.77
-41.36
0.0086
112.88
-56.91
-170.87
1.0069
-113.18
1.0
0.9441
-36.81
-40.49
0.0095
89.73
-74.17
-165.29
1.0017
-126.25
1.1
0.9572
-45.08
-38.82
0.0115
78.49
-67.03
-161.43
0.9907
-139.12
1.2
0.9507
-57.62
-39.07
0.0111
156.91
-59.29
-160.46
0.9923
-152.69
1.3
0.9015
-68.40
-39.84
0.0102
146.64
-60.70
-160.88
0.9829
-166.42
1.4
0.7906
-80.81
-45.10
0.0056
146.20
-55.58
168.45
0.9680
176.91
1.5
0.6713
-82.27
-34.14
0.0196
112.86
-54.66
155.19
0.7419
152.58
1.575
0.7112
-78.76
11.00
3.5490
-179.44
-24.28
141.36
0.2017
8.18
1.6
0.8218
-80.17
4.62
1.7030
16.26
-31.07
-119.97
0.5525
-118.95
1.7
0.6027
-96.78
-46.90
0.0045
-76.04
-59.93
165.69
0.9574
170.98
1.8
0.5047
-98.62
-51.12
0.0028
137.34
-54.87
152.40
0.9564
153.50
1.885
0.4471
-97.54
-48.14
0.0039
125.57
-51.80
147.55
0.9561
140.48
1.9
0.4373
-96.29
-46.03
0.0050
117.45
-53.03
145.64
0.9492
138.24
2.0
0.3906
-98.29
-42.75
0.0073
110.90
-53.46
146.79
0.9488
135.73
2.1
0.3534
-98.68
-39.84
0.0102
100.81
-54.69
145.47
0.9501
132.67
2.2
0.3250
-97.55
-37.92
0.0127
90.59
-52.67
145.94
0.9493
130.76
2.3
0.3017
-97.11
-36.71
0.0146
82.48
-50.18
140.43
0.9475
126.47
2.4
0.2839
-97.10
-35.73
0.0164
74.79
-51.46
138.69
0.9514
123.07
2.5
0.2674
-97.35
-35.47
0.0169
67.94
-48.85
136.17
0.9488
115.08
3.0
0.2097
-95.65
-44.33
0.0061
47.58
-46.49
71.43
0.9164
81.72
3.5
0.1691
-179.25
-19.72
0.1032
50.34
-46.47
42.11
0.8395
54.36
4.0
0.1230
-115.88
-6.17
0.4912
6.00
-28.93
-1.39
0.6672
4.25
4.5
0.1062
62.61
-2.49
0.7511
-31.75
-21.92
-38.31
0.6478
-111.97
5.0
0.2175
95.87
-1.53
0.8390
-75.46
-19.00
-79.92
0.6836
174.58


Similar Part No. - ALM-1412-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1412-TR1G BOARDCOM-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results

Similar Description - ALM-1412-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-2712-TR1G AVAGO-ALM-2712-TR1G Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-1712-BLKG AVAGO-ALM-1712-BLKG Datasheet
289Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com