Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-1412-BLKG Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1412-BLKG
Description  GPS LNA-Filter Front-End Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1412-BLKG Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-1412-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ALM-1412-BLKG Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
0
1
2
3
4
5
6
7
8
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
6
8
10
12
14
16
18
20
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
40
45
50
55
60
65
70
75
80
2.4
2.5 2.6
2.7 2.8 2.9
3.0
3.1 3.2 3.3
40
45
50
55
60
65
70
75
80
2.42.5
2.62.7
2.82.9
3.03.1
3.23.3
Vdd (V)
-40°C
25°C
85°C
Vdd (V)
-40°C
25°C
85°C
-40°C
25°C
85°C
Vdd (V)
Vdd (V)
-40°C
25°C
85°C
12
10
8
6
4
2
0
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
-40°C
25°C
85°C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
-40°C
25°C
85°C
ALM-1412 Typical Performance Curves, R2 = 10 kΩ
(at 25°C unless specified otherwise)
Figure 17. PCS band rejection vs. Vdd vs. Temp (Idd = 8 mA)
Figure 16. Cell band rejection vs. Vdd vs. Temp (Idd = 8 mA)
Figure 15. IP1dB vs. Vdd vs. Temp (Idd = 8 mA)
Figure 14. IIP3 vs. Vdd vs. Temp (Idd = 8 mA)
Figure 13. NF vs. Vdd vs. Temp (Idd = 8 mA)
Figure 12. Gain vs. Vdd vs. Temp (Idd = 8 mA)


Similar Part No. - ALM-1412-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1412-BLKG BOARDCOM-ALM-1412-BLKG Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results

Similar Description - ALM-1412-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-2712-TR1G AVAGO-ALM-2712-TR1G Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-1712-BLKG AVAGO-ALM-1712-BLKG Datasheet
289Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com