Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASSR-1510-503E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1510-503E
Description  High Current, Solid State Relay (Photo MOSFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1510-503E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-1510-503E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1510-503E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ASSR-1511 6-Pin DIP Package with Gull Wing Surface Mount Option 300
ASSR-1520 8-Pin DIP Package
4.19
(0.165)
2.29
(0.090)
2.54
(0.100)
TYP.
0.635 ± 0.130
(0.025 ± 0.005)
9.65 ± 0.25
(0.380 ± 0.010)
7.62 ± 0.25
(0.300 ± 0.010)
0.635 ± 0.25
(0.025 ± 0.010)
12
° NOM.
0.20 (0.008)
0.30 (0.013)
1.78
(0.070)
MAX.
9.65 ± 0.25
(0.380 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
1.27 (0.050)
10.9 (0.430)
MAX.
2.0 (0.080)
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5
° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXX
YYWW
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
OPTION CODE*
UL
RECOGNITION
UR
TYPE NUMBER
OPTION NUMBERS 300 AND 500 NOT MARKED.
3.56 ± 0.13
(0.140 ± 0.005)
LEAD FREE


Similar Part No. - ASSR-1510-503E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
logo
Broadcom Corporation.
ASSR-1510 BOARDCOM-ASSR-1510 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
More results

Similar Description - ASSR-1510-503E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1510 BOARDCOM-ASSR-1510 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4128-302E AVAGO-ASSR-4128-302E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com