Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-C680 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-C680
Description  Right Angle Surface Mount ChipLEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-C680 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-C680 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-C680 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings at TA = 25°C
Parameter
AlInGaP
GaP
AS AlGaAs
Units
DC Forward Current
30
25
25
mA
Power Dissipation
72
65
65
mW
Reverse Voltage (IR = 100mA)
5
5
5
V
LED Junction Temperature
95
95
95
°C
Operating Temperature Range
-40 to 85°C
Storage Temperature Range
-40 to 85 °C
Soldering Temperature
See reflow soldering profile (Figure 6 & 7)
Electrical Characteristics at TA = 25°C
Part Number
Forward Voltage
VF (Volts) [1]
@ IF = 20mA
Reverse Breakdown
VR (Volts)
@ IR = 100mA
Thermal Resistance
RqJ-P (°C/W)
Typ.
Max.
Typ.
Typ.
AlInGaP Amber
2.0
2.4
5
500
AlInGaP Red
2.0
2.4
5
500
GaP Green
2.2
2.6
5
300
AS AlGaAs Red
1.8
2.6
5
300
AlInGaP Orange
2.0
2.4
5
500
GaP HER
2.0
2.6
5
300
GaP Yellow
2.1
2.6
5
300
Notes:
1. VF tolerance : ±0.1V
Optical Characteristics at TA = 25°C
Part Number
Luminous Intensity
IV [1] (mcd)
@ 20mA
Color, Dominant
Wavelength
ld [2] (nm)
Typical
Color,
Peak Wavelength
lPeak [(nm)
Typical
Viewing Angle
2q1/2 [3]
(Degrees)
Typical
Min.
Typ.
AlInGaP Amber
28.5
76.9
591
594
115
AlInGaP Red
28.5
62.3
630
643
115
GaP Green
4.5
13.3
573
568
125
AS AlGaAs Red
7.2
30.7
642
657
125
AlInGaP Orange
28.5
108.6
604
611
115
GaP HER
2.8
5.1
621
636
125
GaP Yellow
2.8
9.3
589
588
125
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the LED
package.
2. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3. q1/2 is the off-axis angle where the luminous intensity is ½ the peak intensity.


Similar Part No. - HSMC-C680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMC-C110 ETC1-HSMC-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C110 AVAGO-HSMC-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMC-C110 BOARDCOM-HSMC-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMC-C120 HP-HSMC-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C120 AVAGO-HSMC-C120 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMC-C680

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-C130 BOARDCOM-HSMA-C130 Datasheet
1Mb / 9P
   Surface Mount ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-C1XX AVAGO-HSMB-C1XX Datasheet
203Kb / 9P
   Surface Mount ChipLEDs
HSMC-C130 AVAGO-HSMC-C130 Datasheet
172Kb / 8P
   Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
logo
LUMEX INC.
SMF-H1352ID-TR LUMEX-SMF-H1352ID-TR Datasheet
115Kb / 2P
   RIGHT ANGLE Surface Mount
logo
Kycon, Inc.
K202XHT KYCON-K202XHT Datasheet
835Kb / 1P
   Right Angle Surface Mount
logo
Agilent(Hewlett-Packard...
HSMM-C150 HP-HSMM-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com