Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-ASCA-11F Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HRPG-ASCA-11F
Description  Miniature Panel Mount Optical Encoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HRPG-ASCA-11F Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HRPG-ASCA-11F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HRPG-ASCA-11F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Shaft Options Available
Shaft
Shaft
D-Cut
D-Cut
Length
Diameter
Thickness
Length
Sketch
Option #
(l)
(d)
(c)
(b)
(not to scale)
11
0.30"
0.251"
13
0.30"
0.250"
0.225"
0.230"
14
0.50"
0.251"
16
0.50"
0.250"
0.225"
0.400"
17
0.80"
0.251"
19
0.80"
0.250"
0.225"
0.700"
51
7.6 mm
6.02 mm
53
7.6 mm
6.00 mm
5.33 mm
5.84 mm
54
12.7 mm
6.02 mm
_
56
12.7 mm
6.00 mm
5.33 mm
10.16 mm
57
20.32 mm
6.02 mm
59
20.32 mm
6.00 mm
5.33 mm
17.78 mm


Similar Part No. - HRPG-ASCA-11F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
More results

Similar Description - HRPG-ASCA-11F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com