Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-C680 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-C680
Description  Right Angle Surface Mount ChipLEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-C680 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HSMA-C680 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-C680 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Reflow Soldering:
For more information on reflow soldering, refer to Ap-
plication Note AN-1060, Surface Mounting SMT LED
Indicator Components.
Storage Condition:
5 to 30°C @ 60%RH max.
Baking is required before mounting, if:
1. Humidity Indicator Card is > 10% when read at 23 ±
5°C.
2. Device expose to factory conditions <30°C/60%RH
more than 672 hours
Recommended baking condition:
60±5°C for 20 hours.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-0481EN - May 26, 2011


Similar Part No. - HSMA-C680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C110 AVAGO-HSMA-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C110 BOARDCOM-HSMA-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C120 HP-HSMA-C120 Datasheet
210Kb / 10P
   Right Angle ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C120 AVAGO-HSMA-C120 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results

Similar Description - HSMA-C680

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-C130 BOARDCOM-HSMA-C130 Datasheet
1Mb / 9P
   Surface Mount ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-C1XX AVAGO-HSMB-C1XX Datasheet
203Kb / 9P
   Surface Mount ChipLEDs
HSMC-C130 AVAGO-HSMC-C130 Datasheet
172Kb / 8P
   Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
logo
LUMEX INC.
SMF-H1352ID-TR LUMEX-SMF-H1352ID-TR Datasheet
115Kb / 2P
   RIGHT ANGLE Surface Mount
logo
Kycon, Inc.
K202XHT KYCON-K202XHT Datasheet
835Kb / 1P
   Right Angle Surface Mount
logo
Agilent(Hewlett-Packard...
HSMM-C150 HP-HSMM-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com