Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-AD32-14F Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HRPG-AD32-14F
Description  Miniature Panel Mount Optical Encoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HRPG-AD32-14F Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HRPG-AD32-14F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD32-14F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering Information
Typical Interface
8
HRPG Series
11
13
14
16 17
19
51 53
54
56
57
59
AD16
F
*
*
*
*
R*
*
*
C*
*
L
AD32
F
*
*
*
*
*
*
*
*
R
***
*
*
***
*
C
***
*
*
*
***
*
L
AS16
F
*
*
R*
*
C*
*
L
AS32
F
*
*
*
R*
*
*
C*
*
L
ASCA
F
*
*
*
*
*
*
*
*
*
*
R
***
*
*
*
*
**
C
***
*
*
*
***
*
L
CH B
CH A
HRPG
SERIES
HCTL-2016/2020
QUADRATURE
DECODER/
COUNTER
HOST
PROCESSOR
*Note: When ordering detented versions,
a D-cut shaft is recommended.
HRPG - A
#
Shaft / Resolution
S16 – Smooth 16CPR
D16 – Detented 16CPR*
S32 – Smooth 32CPR
D32 – Detented 32CPR*
SCA – Smooth 120CPR
Mechanical Configuration
11 – 0.3" long, 0.25" dia.
13 – 0.3" long, 0.25" dia. D-cut
14 – 0.5" long, 0.25" dia.
16 – 0.5" long, 0.25" dia. D-cut
17 – 0.8" long, 0.25" dia.
19 – 0.8" long, 0.25" dia. D-cut
51 – 7.6 mm long, 6 mm dia.
53 – 7.6 mm long, 6 mm dia. D-cut
54 – 12.7 mm long, 6 mm dia.
56 – 12.7 mm long, 6 mm dia. D-cut
Termination
F – Pins Front with Bracket
R – Pins Rear with Bracket
C – Cable Connector with
Strain Relief


Similar Part No. - HRPG-AD32-14F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HRPG-AD32 HP-HRPG-AD32 Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
More results

Similar Description - HRPG-AD32-14F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com