Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH34 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBTH34
Description  MMBTH34 Surface Mount NPN RF-IF Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH34 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBTH34 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH34 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLG8548
October 1985
MMBTH34 Surface Mount NPN RF-IF Amp
General Description
This device was designed for common-emitter low noise
amplifier and mixer applications in the 100 mAto15mA
range to 300 MHz and low frequency drift common-base
VHF oscillator applications with high output levels for driving
FET mixers
Absolute Maximum Ratings
Collector-Base Voltage
45V
Emitter-Base Voltage
40V
Collector CurrentContinuous
100 mA
Total Device Dissipation TA e 25 C
350 C
Derate above 25 C (Note 1)
28 mW C
Operating Temperature Range
b
55 Cto a150 C
Storage Temperature Range
b
55 Cto a150 C
Lead Temperature for 10 seconds
300 C
Note 1
Package mounted on 995% alumina 10x8x0 6 mm
TLG8548 – 1
Marking
MMBTH34-3K
Refer to Process 47 for graphs
Electrical Characteristics TA e 25 C unless otherwise specified
Symbol
Conditions
Min
Typ
Max
Units
BVCBO
IC e 100 mA45
V
BVCEO
IC e 10 mA
45
V
BVEBO
IE e 10 mA
40
V
ICBO
VCB e 30V
50
nA
ICES
VCE e 30V
50
nA
hFE
VCE e 15V IC e 70 mA
40
hFE
VCE e 20V IC e 20 mA
15
VCE(s)
IC e 20 mA IB e 20 mA
05
V
VBE(on)
VCE e 15V IC e 70 mA
095
V
Ccb
VCB e 10V f e 1 MHz
032
pF
hfe
VCE e 15V IC e 15 mA f e 100 MHz
50
Order Number MMBTH34 or MMBTH34-HIGH
See NS Package Number M03
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MMBTH34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
   NPN RF Transistor
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
   NPN VHF/UHF Transistors
logo
SHIKUES Electronics
MMBTH10 SKTECHNOLGY-MMBTH10 Datasheet
234Kb / 2P
   NPN-General use transistor 225mW 50mA 20V
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Shenzhen Jin Yu Semicon...
MMBTH10 HTSEMI-MMBTH10 Datasheet
302Kb / 1P
   TRANSISTOR(NPN)
More results

Similar Description - MMBTH34

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC839 SAMSUNG-KSC839 Datasheet
69Kb / 2P
   NPN (FM/AM RADIO RF AMP, CONV, OSC, IF AMP)
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
   NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC838 SAMSUNG-KSC838 Datasheet
71Kb / 2P
   NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
   NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
KSC1675 SAMSUNG-KSC1675 Datasheet
78Kb / 2P
   NPN (FM/AM RF AMP, MIC, CONY,OSC,IF)
logo
NTE Electronics
NTE744 NTE-NTE744 Datasheet
23Kb / 3P
   Integrated Circuit RF/IF Amp
NTE1491 NTE-NTE1491 Datasheet
22Kb / 2P
   Integrated Circuit AM RF/IF Amp
logo
Central Semiconductor C...
CMUT5179 CENTRAL-CMUT5179_15 Datasheet
348Kb / 2P
   SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPT5179 CENTRAL-CMPT5179_15 Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON RF TRANSISTOR
logo
Leshan Radio Company
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com