Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-092J-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-092J-500E
Description  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-092J-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-092J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-092J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Package Outline Drawings
HCPL-9000, HCPL-9030 and HCPL-9031 Standard DIP Packages
HCPL-9000, HCPL-9030 and HCPL-9031 Gull Wing Surface Mount Option 300
5
6
7
8
4
3
2
1
DIMENSIONS: INCHES (MILLIMETERS) MIN
MAX
0.120 (3.048)
0.150 (3.810)
0.240 (6.096)
0.260 (6.604)
0.015 (0.381)
0.035 (0.889)
0.55 (1.397)
0.65 (1.651)
0.008 (0.203)
0.015 (0.381)
°
3
°
8
°
0.030 (0.762)
0.045 (1.143)
0.015 (0.380)
0.023 (0.584)
0.045 (1.143)
0.065 (1.651)
0.090 (2.286)
0.110 (2.794)
0.360 (9.000)
0.400 (10.160)
0.290 (7.366)
0.310 (7.874)
0.300 (7.620)
0.370 (9.398)
0.030 (0.762)
0.045 (1.143)
0.360 (9.000)
0.400 (10.160)
0.240 (6.096)
0.260 (6.604)
8
7
6
5
4
3
2
1
0.045 (1.143)
0.065 (1.651)
0.120 (3.048)
0.150 (3.810)
0.047 (1.194)
0.070 (1.778)
0.040 (1.016)
0.047 (1.194)
0.370 (9.398)
0.390 (9.906)
0.190
(4.826)
0.015 (0.381)
0.025 (0.635)
0.025 (0.632)
0.035 (0.892)
0.030 (0.760)
0.056 (1.400)
0.015 (0.385)
0.035 (0.885)
0.290 (7.370)
0.310 (7.870)
0.370 (9.400)
0.390 (9.900)
PAD LOCATION (for reference only)
TYP.
12
° NOM.
0.008 (0.203)
0.013 (0.330)
0.100
(2.540)
BSC
DIMENSIONS INCHES (MILLIMETERS)
LEAD COPLANARITY = 0.004 INCHES (0.10 mm)
MIN
MAX


Similar Part No. - HCPL-092J-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-092J HP-HCPL-092J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-092J AVAGO-HCPL-092J Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
More results

Similar Description - HCPL-092J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com