Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1C17704 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17704
Description  Low Power 16-bit Single Chip Microcontroller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17704 Datasheet(HTML) 1 Page - Epson Company

  S1C17704 Datasheet HTML 1Page - Epson Company S1C17704 Datasheet HTML 2Page - Epson Company S1C17704 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1C17704
SEIKO EPSON CORPORATION
Low Power 16-bit Single Chip Microcontroller
Low Power MCU (operating voltage 1.8 V, 1 μA/SLEEP, 2.6 μA/HALT)
64K-Byte Flash Memory and 4K-Byte RAM
High Quality and Stable Display LCD Driver with Voltage Booster
(56 SEG × 32 COM)
Infrared Remote Controller with Carrier Generator
S1C17 High Performance 16-bit RISC CPU Core with C Optimized
Compact Code and Serial ICE Support
DESCRIPTIONS
The S1C17704 is a 16-bit MCU that features high-speed operation, low power consumption, small size, large address space,
and on-chip ICE. The S1C17704 consists of an S1C17 CPU Core, a 64K-byte Flash memory, a 4K-byte RAM, serial
interface modules (UART that supports high bit rate and IrDA 1.0, SPI and I2C) for connecting various sensor modules, 8-bit
timers, 16-bit timers, a PWM & capture timer, a clock timer, a stopwatch timer, a watchdog timer, 28 GPIO ports, an LCD
driver with 56-segment × 32-common outputs and a voltage booster, a supply voltage detector, 32 kHz (typ.) and 8.2 MHz
(max.) oscillators, and a voltage regulator for generating the 1.8 V internal voltage. The S1C17704 is capable of high-speed
operation (8.2 MHz) with low operating voltage (1.8 V). Its 16-bit RISC processor executes one instruction in 1 clock cycles.
The S1C17704 also provides an on-chip ICE function that allows on-board erasing/programming of the embedded Flash
memory, on-board debugging and evaluating the program by connecting the S1C17704 to the ICD Mini (S5U1C17001H) with
only three wires. The S1C17704 is suitable for battery driven applications with sensor interfaces and up to 56 × 32-dot LCD
display, such as remote controllers and sports watches.
The product lineup offers two S1C17704 models with a different main oscillator.
FEATURES
CPU
Seiko Epson original 16-bit RISC CPU core S1C
Main (OSC3) oscillator
Crystal/ceramic oscillator 8.2 MHz (max.)
CR oscillator 2.2 MHz (max.)
Sub (OSC1) oscillator
Crystal oscillator 32.768 kHz (typ.)
Built-in flash memory
64K bytes (for instructions and data), 1,000 erase/program cycles,
Read/program protection
On-board programming by a debugging tool such as ICD Mini (S5U1C17704H) and
self-programming by software control
Built-in RAM
4K bytes
Built-in display RAM
576 bytes
I/O ports
Max. 28 general-purpose I/O ports (Pins are shared with the peripheral I/O.)
Serial interfaces
SPI (master/slave)
1ch
I
2C (master)
1ch
UART (115200 bps, IrDA 1.0)
1ch
Remote controller (REMC)
1ch
Timers
8-bit timer (T8F)
1ch
16-bit timer (T16)
3ch
PWM & capture timer (T16E)
1ch
8-bit OSC1 timer (T8OSC1)
1ch
Clock timer (CT)
1ch
Stopwatch timer (SWT)
1ch
Watchdog timer (WDT)
1ch
LCD Driver
56 SEG × 32 COM or 72 SEG × 16 COM (1/5 bias)
Built-in voltage booster
Supply voltage detector
13 programmable detection levels (1.8 V to 2.7 V)
Interrupts
Reset, NMI, 16 programmable interrupts (8 levels)
Power supply voltage
1.8 V to 3.6 V (for normal (low-power) operation with the 1.8 V internal voltage)
2.7 V to 3.6 V (for Flash erasing/programming with the 2.5 V internal voltage)
Operating temperature
-20°C to 70°C
Power consumption
SLEEP state:
1 μA typ.
HALT state:
2.6 μA typ. (32 kHz OSC1 crystal oscillator, LCD off)


Similar Part No. - S1C17704

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17703 EPSON-S1C17703 Datasheet
183Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17705 EPSON-S1C17705 Datasheet
183Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17704

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17711 EPSON-S1C17711 Datasheet
118Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17705 EPSON-S1C17705 Datasheet
183Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com