Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMF-03 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACMF-03
Description  Thin Film Common Mode Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMF-03 Datasheet(HTML) 2 Page - Abracon Corporation

  ACMF-03 Datasheet HTML 1Page - Abracon Corporation ACMF-03 Datasheet HTML 2Page - Abracon Corporation ACMF-03 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACMF-03
Thin Film Common Mode Filter
0.88 x 0.68 x 0.5mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 08.15.13
Visit
www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
OUTLINE DIMENSION:
Recommended Land Pattern
Schematic
A
B
C
D
0.9
0.5
0.3
0.3
Dimension: mm
A
B
G
E
F
C
D
B
A
C
D
A
B
C
D
E
F
G
0.88±0.05 0.68±0.05 0.5±0.05
0.15
-
0.20±0.05 0.27±0.1
REFLOW PROFILE:


Similar Part No. - ACMF-03

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
   Thin Film Common Mode Filter
05.14.13
ACMF-04-900-T ABRACON-ACMF-04-900-T Datasheet
2Mb / 3P
   Thin Film Common Mode Filter
05.14.13
More results

Similar Description - ACMF-03

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
   Thin Film Common Mode Filter
05.14.13
logo
Frontier Electronics.
CMF FRONTIER-CMF Datasheet
508Kb / 6P
   THIN FILM COMMON MODE FILTERS
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
   Thin-Film Low Pass Filter
LP0805A1842ASTR AVX-LP0805A1842ASTR Datasheet
124Kb / 3P
   Thin-Film Low Pass Filter
logo
JDS Uniphase Corporatio...
GFFJ1F2001N01 JDSU-GFFJ1F2001N01 Datasheet
148Kb / 3P
   Thin Film Gain Flattening Filter
logo
List of Unclassifed Man...
TBL1608-245-M2 ETC2-TBL1608-245-M2 Datasheet
96Kb / 3P
   Thin Film Chip LC Filter
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com