Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

683MWR630K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 683MWR630K
Description  Axial leaded metallized polyester film capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

683MWR630K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  683MWR630K Datasheet HTML 1Page - Illinois Capacitor, Inc. 683MWR630K Datasheet HTML 2Page - Illinois Capacitor, Inc. 683MWR630K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MWR
Axial leaded metallized
polyester film capacitors
Features
Self Healing
Small size
Low ESR
Low cost
Applications
General Purpose
Coupling
Bypass
Blocking
Specifications
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
50
63
100
250
400
630
1000
1500
VAC
30
40
63
160
200
220
250
300
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.25% per °C
Frequency (kHz)
C<0.1uF
0.1uF<C<1.0uF
C>1.0uF
1
0.8%
0.8%
1.0%
10
1.5%
1.5%
-
Dissipation Factor (MAX)
25°C
100
3.0%
-
-
WVDC
Capacitance
Insulation Resistance
<100WVDC
<0.33
μF
15000 MΩ
>100WVDC
<0.33
μF
30000 MΩxμF
<100WVDC
>0.33
μF
15000 MΩxμF
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>100WVDC
>0.33
μF
10000 MΩxμF
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C for C<1uF
<0.005 at 1kHz and 25°C For C>1uF
Load Life
Insulation Resistance
>50% of maximum specified value
56 days at40°C with 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Terminal to Terminal
Dielectric Strength
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film Internal series connected (>1000WVDC)
Coating
Flame Retardant Polyester tape wrap (UL 510) with epoxy resin end fills(UL94V0)
Leads
Lead free tinned copper leads
Lead Diameter
D
d
<9
0.6
9<D<20
0.8
>20
1.0


Similar Part No. - 683MWR630K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
683MWR630K ILLINOISCAPACITOR-683MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
683MWR630K ILLINOISCAPACITOR-683MWR630K Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
More results

Similar Description - 683MWR630K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
102MTR102KA ILLINOISCAPACITOR-102MTR102KA_13 Datasheet
538Kb / 4P
   Reduced size Axial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04A SUNTAN-TS04A Datasheet
330Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com