Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154MMR400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 154MMR400K
Description  Radial leaded metallized polyester film capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154MMR400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  154MMR400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 154MMR400K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMR
Radial leaded metallized
polyester film capacitors
Features
Self Healing
Small size
Low ESR
Low cost
Applications
General Purpose
Coupling
Bypass
Blocking
Specifications
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
100
250
400
630
VAC
63
160
200
220
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.25% per °C
Frequency (kHz)
Dissipation Factor
1
1.0%
Dissipation Factor (MAX)
25°C
10
1.5%
Capacitance
Insulation Resistance
<0.33
μF
9000 MΩ
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>0.33
μF
3000 MΩxμF
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Load Life
Insulation Resistance
>50% of maximum specified value
1000 Hours, 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Terminal to Terminal
Dielectric Strength
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film
Coating
Flame Retardant epoxy resin (UL94V0)
Leads
Lead free tinned copper leads
L MAX
10.5
12
18.5
26
31
S+1.0
7.5
10
15
22.5
27.5
G MAX
1.5
1.5
1.5
1.5
1.5
d +0.05
0.6
0.6
0.8
0.8
0.8


Similar Part No. - 154MMR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154MMR400K ILLINOISCAPACITOR-154MMR400K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
154MMR400K ILLINOISCAPACITOR-154MMR400K Datasheet
234Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 154MMR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com