Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

474MTR063KA Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 474MTR063KA
Description  Reduced size Axial leaded metallized polyester film capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474MTR063KA Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  474MTR063KA Datasheet HTML 1Page - Illinois Capacitor, Inc. 474MTR063KA Datasheet HTML 2Page - Illinois Capacitor, Inc. 474MTR063KA Datasheet HTML 3Page - Illinois Capacitor, Inc. 474MTR063KA Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTR
Reduced size Axial leaded
metallized polyester film
capacitors
Features
Self Healing
Small size
Low ESR
Low cost
Applications
General Purpose
Coupling
Bypass
Blocking
Specifications
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
63
100
250
400
630
1000
VAC
40
63
160
200
220
400
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.25% per °C
Frequency
(kHz)
C<0.1uF
0.1uF<C<1.0uF
1uF<C<68uF
C>68uF
1
0.8%
0.8%
1.0%
1.1%
10
1.5%
1.5%
-
-
Dissipation Factor (MAX)
25°C
100
3.0%
-
-
-
WVDC
Capacitance
Insulation Resistance
<100WVDC
<0.33
μF
3750 MΩ
>100WVDC
<0.33
μF
30000 MΩxμF
<100WVDC
>0.33
μF
1250 MΩxμF
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>100WVDC
>0.33
μF
10000 MΩxμF
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C for C<1uF
<0.005 at 1kHz and 25°C For C>1uF
Load Life
Insulation Resistance
>50% of maximum specified value
56 days at40°C with 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<.005 at 1kHz
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Terminal to Terminal
Dielectric Strength
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film Internal series connected (>1000WVDC)
Coating
Flame Retardant Polyester tape wrap (UL 510) with epoxy resin end fills(UL94V0)
Leads
Lead free tinned copper leads
Lead Diameter
D
d
<9
0.6
9<D<20
0.8
>20
1.0


Similar Part No. - 474MTR063KA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474MTR063KA ILLINOISCAPACITOR-474MTR063KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
More results

Similar Description - 474MTR063KA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
logo
MERITEK ELECTRONICS COR...
DMPE-RS MERITEK-DMPE-RS Datasheet
119Kb / 1P
   Metallized Polyester Film Capacitors-Reduced Size
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com