Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G16V8MA Datasheet(PDF) 5 Page - ATMEL Corporation

Part # G16V8MA
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

G16V8MA Datasheet(HTML) 5 Page - ATMEL Corporation

  G16V8MA Datasheet HTML 1Page - ATMEL Corporation G16V8MA Datasheet HTML 2Page - ATMEL Corporation G16V8MA Datasheet HTML 3Page - ATMEL Corporation G16V8MA Datasheet HTML 4Page - ATMEL Corporation G16V8MA Datasheet HTML 5Page - ATMEL Corporation G16V8MA Datasheet HTML 6Page - ATMEL Corporation G16V8MA Datasheet HTML 7Page - ATMEL Corporation G16V8MA Datasheet HTML 8Page - ATMEL Corporation G16V8MA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
0364J–PLD–7/05
ATF16V8B/BQ/BQL
4.2
AC Waveforms(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V 3.0V, unless otherwise
specified.
Note:
1. See ordering information for valid part numbers and speed grades.
4.3
AC Characteristics(1)
Symbol
Parameter
-10
-15
Units
Min
Max
Min
Max
t
PD
Input or Feedback to
Non-Registered Output
8 outputs switching
310315
ns
t
CF
Clock to Feedback
6
8
ns
tCO
Clock to Output
2
7
2
10
ns
tS
Input or Feedback
Setup Time
7.5
12
ns
tH
Hold Time
0
0
ns
t
P
Clock Period
12
16
ns
t
W
Clock Width
6
8
ns
f
MAX
External Feedback 1/(tS + tCO)68
45
MHz
Internal Feedback 1/(t
S + tCF)74
50
MHz
No Feedback 1/(t
P)83
62
MHz
tEA
Input to Output Enable — Product Term
3
10
3
15
ns
t
ER
Input to Output Disable — Product Term
2
10
2
15
ns
t
PZX
OE pin to Output Enable
2
10
2
15
ns
tPXZ
OE pin to Output Disable
1.5
10
1.5
15
ns


Similar Part No. - G16V8MA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
G16V8MA ATMEL-G16V8MA Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results

Similar Description - G16V8MA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com