Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # GAL16V8
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

GAL16V8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button GAL16V8 Datasheet HTML 6Page - ATMEL Corporation GAL16V8 Datasheet HTML 7Page - ATMEL Corporation GAL16V8 Datasheet HTML 8Page - ATMEL Corporation GAL16V8 Datasheet HTML 9Page - ATMEL Corporation GAL16V8 Datasheet HTML 10Page - ATMEL Corporation GAL16V8 Datasheet HTML 11Page - ATMEL Corporation GAL16V8 Datasheet HTML 12Page - ATMEL Corporation GAL16V8 Datasheet HTML 13Page - ATMEL Corporation GAL16V8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
0364J–PLD–7/05
ATF16V8B/BQ/BQL
11.1
ATF16V8B Registered Mode
PAL Device Emulation/PAL Replacement. The registered mode is used if one or more regis-
ters are required. Each macrocell can be configured as either a registered or combinatorial
output or I/O, or as an input. For a registered output or I/O, the output is enabled by the OE pin,
and the register is clocked by the CLK pin. Eight product terms are allocated to the sum term.
For a combinatorial output or I/O, the output enable is controlled by a product term, and seven
product terms are allocated to the sum term. When the macrocell is configured as an input, the
output enable is permanently disabled.
Any register usage will make the compiler select this mode. The following registered devices
can be emulated using this mode:
16R8
16RP8
16R6
16RP6
16R4
16RP4
Figure 11-1. Registered Configuration for Registered Mode
(1)(2)
Notes:
1. Pin 1 controls common CLK for the registered outputs. Pin 11 controls common OE for the reg-
istered outputs. Pin 1 and Pin 11 are permanently configured as CLK and OE.
2. The development software configures all the architecture control bits and checks for proper pin
usage automatically.
Figure 11-2. Combinatorial Configuration for Registered Mode
(1)(2)
Notes:
1. Pin 1 and Pin 11 are permanently configured as CLK and OE.
2. The development software configures all the architecture control bits and checks for proper pin
usage automatically.


Similar Part No. - GAL16V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
logo
STMicroelectronics
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
736Kb / 14P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
810Kb / 15P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com