Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8B-15JC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF16V8B-15JC
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-15JC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF16V8B-15JC Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 9Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 10Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 11Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 12Page - ATMEL Corporation ATF16V8B-15JC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
0364J–PLD–7/05
ATF16V8B/BQ/BQL
in the following pages. The user can download the listed subset device JEDEC programming file
to the PLD programmer, and the ATF16V8B can be configured to act like the chosen device.
Check with your programmer manufacturer for this capability.
Unused product terms are automatically disabled by the compiler to decrease power consump-
tion. A security fuse, when programmed, protects the content of the ATF16V8B. Eight bytes (64
fuses) of User Signature are accessible to the user for purposes such as storing project name,
part number, revision, or date. The User Signature is accessible regardless of the state of the
security fuse.
10. Software Support
Atmel-WinCUPL is a free tool, available on Atmel’s web site and can be used to design in all
members of the Atmel ATF16V8B family of SPLDs. Table 10-1 lists popular compilers with the
appropriate device mnemonics
Note:
1. Only applicable for version 3.4 or lower.
11. Macrocell Configuration
Software compilers support the three different OMC modes as different device types. Most com-
pilers have the ability to automatically select the device type, generally based on the register
usage and output enable (OE) usage. Register usage on the device forces the software to
choose the registered mode. All combinatorial outputs with OE controlled by the product term
will force the software to choose the complex mode. The software will choose the simple mode
only when all outputs are dedicated combinatorial without OE control. The different device types
can be used to override the automatic device selection by the software. For further details, refer
to the compiler software manuals.
When using compiler software to configure the device, the user must pay special attention to the
following restrictions in each mode.
In registered mode pin 1 and pin 11 are permanently configured as clock and output enable,
respectively. These pins cannot be configured as dedicated inputs in the registered mode.
In complex mode pin 1 and pin 11 become dedicated inputs and use the feedback paths of pin
19 and pin 12 respectively. Because of this feedback path usage, pin 19 and pin 12 do not have
the feedback option in this mode.
In simple mode all feedback paths of the output pins are routed via the adjacent pins. In doing
so, the two inner most pins (pins 15 and 16) will not have the feedback option as these pins are
always configured as dedicated combinatorial output.
Table 10-1.
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P16V8R
P16V8C
P16V8AS
P16V8
CUPL, Atmel-WinCUPL
G16V8MS
G16V8MA
G16V8AS
G16V8
LOG/iC
GAL16V8_R(1)
GAL16V8_C7(1)
GAL16V8_C8(1)
GAL16V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL16V8A
PLDesigner
P16V8R
P16V8C
P16V8C
P16V8A
Tango-PLD
G16V8R
G16V8C
G16V8AS
G16V8


Similar Part No. - ATF16V8B-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-15JC ATMEL-ATF16V8B-15JC Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8B-15JC ATMEL-ATF16V8B-15JC Datasheet
640Kb / 26P
   Highperformance EE PLD
More results

Similar Description - ATF16V8B-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com