Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8B-15PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF16V8B-15PI
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-15PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF16V8B-15PI Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 9Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 10Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 11Page - ATMEL Corporation ATF16V8B-15PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
0364J–PLD–7/05
ATF16V8B/BQ/BQL
6.
Electronic Signature Word
There are 64 bits of programmable memory that are always available to the user, even if the
device is secured. These bits can be used for user-specific data.
7.
Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See CMOS PLD Pro-
gramming Hardware and Software Support for information on software/programming.
8.
Input and I/O Pull-ups
All ATF16V8B family members have internal input and I/O pull-up resistors. Therefore, when-
ever inputs or I/Os are not being driven externally, they will float to V
CC. This ensures that all
logic array inputs are at known states. These are relatively weak active pull-ups that can easily
be overdriven by TTL-compatible drivers (see input and I/O diagrams below).
Figure 8-1.
Input Diagram
Figure 8-2.
I/O Diagram
9.
Functional Logic Diagram Description
The Logic Option and Functional Diagrams describe the ATF16V8B architecture. Eight config-
urable macrocells can be configured as a registered output, combinatorial I/O, combinatorial
output, or dedicated input.
The ATF16V8B can be configured in one of three different modes. Each mode makes the
ATF16V8B look like a different device. Most PLD compilers can choose the right mode automat-
ically. The user can also force the selection by supplying the compiler with a mode selection.
The determining factors would be the usage of register versus combinatorial outputs and dedi-
cated outputs versus outputs with output enable control.
The ATF16V8B universal architecture can be programmed to emulate many 20-pin PAL
devices. These architectural subsets can be found in each of the configuration modes described


Similar Part No. - ATF16V8B-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-15PI ATMEL-ATF16V8B-15PI Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8B-15PI ATMEL-ATF16V8B-15PI Datasheet
640Kb / 26P
   Highperformance EE PLD
More results

Similar Description - ATF16V8B-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com