Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVRM0603C6R8NT331N Datasheet(PDF) 5 Page - TDK Electronics

Part # AVRM0603C6R8NT331N
Description  Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRM0603C6R8NT331N Datasheet(HTML) 5 Page - TDK Electronics

  AVRM0603C6R8NT331N Datasheet HTML 1Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 2Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 3Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 4Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 5Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 6Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 7Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 8Page - TDK Electronics AVRM0603C6R8NT331N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(5/11)
002-01 / 20130821 / e9c11_avr.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
TERMINOLOGY
1 8/20µs test waveform
2 10/1000µs test waveform
Part No.
Varistor voltage
(Breakdown voltage)
V1mA(V)[DC1mA]
Maximum
continuous voltage
(Rated voltage)
Vdc(V)
max.
Clamping
voltage
Vcl(V)
[8/20µs]
Maximum
energy
E(Joule)
[10/1000µs]
max.
Maximum
peak
current Ip(A)
[8/20µs]
max.
Capacitance
C(pF)
[1kHz, 1Vrms]
typ.
Packaging
quantities
(Taping)
(pieces/reel)
0402 type
AVRM0402C6R8NT101N
6.8
(4.76 to 8.84) 3.5
15[1A]
0.01
4
100 (70 to 130)
20,000
AVRM0402C120MT330N
12
(9.6 to 14.4)
5.5
20[1A]
0.005
1
33 (23.1 to 43.9)
0603 type
AVRM0603C6R8NT331N
6.8
(4.76 to 8.84) 3.5
14[1A]
0.02
16
330 (231 to 429)
15,000
AVRM0603C6R8NT101N
6.8
(4.76 to 8.84) 3.5
14[1A]
0.01
10
100 (70 to 130)
AVRM0603C080MT101N
8
(6.4 to 9.6)
5.5
17[1A]
0.01
4
100 (70 to 130)
AVRM0603C120MT101N
12.8
(10 to 15.6)
5.5
20[1A]
0.01
5
100 (70 to 130)
AVR-M0603C120MTAAB
12
(9.6 to 14.4)
7.5
23[1A]
0.01
1
33
AVRM0603C120MT150N
12.8
(10 to 15.6)
5.5
35[1A]
0.003
1
15 (10.5 to 19.5)
AVRM0603C200MT150N
20
(16.0 to 24.0) 12
40[1A]
0.01
1
15 (10.5 to 19.5) [1MHz]
1005 type
AVRM1005C6R8NT331N
6.8
(4.76 to 8.84) 3.5
15[1A]
0.008
24
330 (231 to 429)
10,000
AVRM1005C6R8NT101N
6.8
(4.76 to 8.84) 3.5
14[1A]
0.02
10
100 (70 to 130)
AVR-M1005C080MTAAB
8
(6.4 to 9.6)
5.5
14[1A]
0.04
25
650
AVR-M1005C080MTADB
8
(6.4 to 9.6)
5.5
14[1A]
0.04
25
480
AVR-M1005C080MTABB
8
(6.4 to 9.6)
5.5
15[1A]
0.02
3
100
AVR-M1005C080MTACB
8
(6.4 to 9.6)
5.5
19[1A]
0.01
1
33
AVR-M1005C120MTACC
12
(9.6 to 14.4)
7.5
21[1A]
0.01
24
460 [1MHz]
AVR-M1005C120MTAAB
12
(9.6 to 14.4)
7.5
20[1A]
0.05
10
130
AVR-M1005C180MTAAB
18
(14.4 to 21.6) 11
30[1A]
0.06
16
120 [1MHz]
AVRM1005C270KT101N
27
(24 to 30)
19
44[1A]
0.06
4
100 (70 to 130)
AVR-M1005C270MTAAB
27
(21.6 to 32.4) 15
57[1A]
0.06
4
40
AVR-M1005C270MTABB
27
(21.6 to 32.4) 15
59[1A]
0.05
1
15
1608 type
AVR-M1608C080MTAAB
8
(6.4 to 9.6)
5.5
15[2A]
0.09
30
650
4,000
AVR-M1608C120MT6AB
12
(9.6 to 14.4)
7.5
20[2A]
0.09
50
1050
AVR-M1608C120MT2AB
12
(9.6 to 14.4)
7.5
20[2A]
0.06
15
400
AVR-M1608C180MT6AB
18
(14.4 to 21.6) 11
30[2A]
0.1
30
600
AVR-M1608C220KT6AB
22
(19.8 to 24.2) 16
34[2A]
0.1
30
560
AVR-M1608C220KT2AB
22
(19.8 to 24.2) 16
37[2A]
0.03
10
210
AVR-M1608C270KT6AB
27
(24 to 30)
19
42[2A]
0.1
48
430
AVR-M1608C270KT2AB
27
(24 to 30)
19
42[2A]
0.1
20
160
AVR-M1608C270KTACB
27
(24 to 30)
19
54[2A]
0.05
10
60
AVRM1608C270KT800M
27
(24 to 30)
19
53[2A]
0.02
28
80 (64 to 96)
AVR-M1608C270MTAAB
27
(21.6 to 32.4) 17
52[2A]
0.05
2
30
AVR-M1608C270MTABB
27
(21.6 to 32.4) 17
52[2A]
0.05
2
15
AVRM1608C390KT271N
39
(35 to 43)
28
69[2A]
0.1
78
270 (189 to 351)
2012 type
AVR-M2012C120MT6AB
12
(9.6 to 14.4)
7.5
20[5A]
0.2
60
1000
2,000
AVR-M2012C220KT6AB
22
(19.8 to 24.2) 16
38[5A]
0.3
100
800
AVR-M2012C390KT6AB
39
(35 to 43)
28
62[5A]
0.3
100
430
Item
Unit
Terminology
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Voltage measured across the varistor
when DC1mA is applied.
Maximum continuous
voltage (Rated voltage)
Vdc
(V)
Maximum DC voltage that can be applied
continuously.
Varistor leakage current: 50µA max.
(Within the range of maximum allowable
circuit voltage)
Clamping voltage
Vcl
(V)
Voltage appearing across the varistor
when a pulse current (8/20µs1) of
specified peak value is applied.
Maximum energy
E
(Joule)
Maximum energy that can be absorbed
without deteriorating varistor
characteristics when an impulse
(10/1000µs2) is applied once.
Maximum peak current
Ip
(A)
Maximum current that can be withstood
without deteriorating varistor
characteristics when an impulse current
(8/20µs1) is applied once.
Capacitance
C
(pF)
Capacitance measured at 1kHz
(or 1MHz) of oscillator frequency and
1Vrms of oscillator voltage.
20µs
50%
90%
100%
Time
8µs
1000µs
50%
90%
100%
10µs
Time


Similar Part No. - AVRM0603C6R8NT331N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVRM0603C6R8NT331N TDK-AVRM0603C6R8NT331N Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVRM0603C6R8NT331N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
47Kb / 2P
   EMI countermeasure product for power line
logo
Abracon Corporation
ASHEK ABRACON-ASHEK Datasheet
1Mb / 3P
   Electricity, gas and water metering
10.24.14
logo
List of Unclassifed Man...
AN232ISO ETC2-AN232ISO Datasheet
273Kb / 1P
   simple and effective protection against all surges, static electricity and ground loops in your RS232 line.
logo
TDK Electronics
MPZ1005A151ET000 TDK-MPZ1005A151ET000 Datasheet
127Kb / 10P
   For power line GHz noise countermeasure
logo
AMAZING Microelectronic...
AZ3205-01F AMAZING-AZ3205-01F Datasheet
171Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com