Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8B-15JU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF16V8B-15JU
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8B-15JU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF16V8B-15JU Datasheet HTML 3Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 4Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 5Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 6Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 7Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 8Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 9Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 10Page - ATMEL Corporation ATF16V8B-15JU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
0364J–PLD–7/05
ATF16V8B/BQ/BQL
4.6
Power-up Reset
The registers in the ATF16V8Bs are designed to reset during power-up. At a point delayed
slightly from V
CC crossing VRST, all registers will be reset to the low state. As a result, the regis-
tered output state will always be high on power-up.
This feature is critical for state machine initialization. However, due to the asynchronous nature
of reset and the uncertainty of how V
CC actually rises in the system, the following conditions are
required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin high, and
3.
The clock must remain stable during t
PR.
Figure 4-1.
Power-up Reset Waveforms
4.7
Preload of Registered Outputs
The ATF16V8B’s registers are provided with circuitry to allow loading of each register with either
a high or a low. This feature will simplify testing since any state can be forced into the registers
to control test sequencing. A JEDEC file with preload is generated when a source file with vec-
tors is compiled. Once downloaded, the JEDEC file preload sequence will be done automatically
by most of the approved programmers after the programming.
5.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF16V8B fuse patterns. Once
programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature remains
accessible.
The security fuse should be programmed last, as its effect is immediate.
Table 4-2.
Power-up Reset Parameters
Parameter
Description
Typ
Max
Units
t
PR
Power-up
Reset Time
600
1,000
ns
VRST
Power-up
Reset Voltage
3.8
4.5
V


Similar Part No. - ATF16V8B-15JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B-15JU ATMEL-ATF16V8B-15JU Datasheet
640Kb / 26P
   Highperformance EE PLD
More results

Similar Description - ATF16V8B-15JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com