Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G16V8MA Datasheet(PDF) 5 Page - ATMEL Corporation

Part # G16V8MA
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

G16V8MA Datasheet(HTML) 5 Page - ATMEL Corporation

  G16V8MA Datasheet HTML 1Page - ATMEL Corporation G16V8MA Datasheet HTML 2Page - ATMEL Corporation G16V8MA Datasheet HTML 3Page - ATMEL Corporation G16V8MA Datasheet HTML 4Page - ATMEL Corporation G16V8MA Datasheet HTML 5Page - ATMEL Corporation G16V8MA Datasheet HTML 6Page - ATMEL Corporation G16V8MA Datasheet HTML 7Page - ATMEL Corporation G16V8MA Datasheet HTML 8Page - ATMEL Corporation G16V8MA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
0425H–PLD–3/11
Atmel ATF16V8C
Table 3-2.
Power-down AC characteristics
(1)(2)(3)
Note:
1. Output data is latched and held
2. HI-Z outputs remain HI-Z
3. Clock and input transitions are ignored
4.
Input test waveforms and measurement levels:
t
R, tF < 1.5ns (10% to 90%)
5.
Output test loads
6.
Pin capacitance
Table 6-1.
Pin capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Symbol
Parameter
-5
-7
-10
Units
Min
Max
Min
Max
Min
Max
t
IVDH
Valid Input before PD High
5.0
7.5
10
ns
t
GVDH
Valid OE before PD High
000
ns
t
CVDH
Valid Clock before PD High
000
ns
t
DHIX
Input Don’t Care after PD High
5.0
7.5
10
ns
t
DHGX
OE Don’t Care after PD High
5.0
7.5
10
ns
t
DHCX
Clock Don’t Care after PD High
5.0
7.5
10
ns
t
DLIV
PD Low to Valid Input
5.0
7.5
10
ns
t
DLGV
PD Low to Valid OE
15.0
20.0
25
ns
t
DLCV
PD Low to Valid Clock
15.0
20.0
25
ns
t
DLOV
PD Low to Valid Output
20.0
25.0
30
ns
OUTPUT
PIN
5.0V
CL = 50 pF
R1 = 200
R2 = 200
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN = 0V
C
OUT
68
pF
V
OUT = 0V


Similar Part No. - G16V8MA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
G16V8MA ATMEL-G16V8MA Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - G16V8MA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com